Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1695A0031000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1695A0031000
Description  RG-6/U type, 18 AWG solid .040 bare copper conductor, plenum, foam FEP insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1695A0031000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1695A0031000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1695A0031000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1695A0031000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1695A0031000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
360.000
13.124
540.000
17.061
720.000
20.014
750.000
20.342
1000.000
23.951
1500.000
30.185
2000.000
35.763
2250.000
38.060
3000.000
44.950
4500.000
65.292
Max. Operating Voltage - UL:
Voltage
300 V RMS
Other Electrical Characteristic 1:
Impedance tested in accordance with ASTM D 4566 - 05 paragraph 48.2,
option 2 using a 75 Ohm fixed bridge and termination.
Other Electrical Characteristic 2:
Return Loss tested in accordance with ASTM D 4566 - 05 paragraph 50.3,
using a 75 Ohm fixed bridge and termination.
Minimum Return Loss:
Start Freq. (MHz) Stop Freq. (MHz) Min. RL (dB)
5.000
1600.000
23.000
1600.000
4500.000
21.000
Sweep Test
Sweep Testing:
100% Sweep tested 5 MHz to 4.5 GHz.
Notes (Overall)
Notes: Teflon® is a registered trademark of E. I. duPont de Nemours and Co. used under license by Belden, Inc.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
1695A N3U1000
305 MT
18.144 KG
GREEN, MIL
C
#18 FFEP SH FLRST
1695A 0011000
305 MT
19.958 KG
BROWN
C
#18 FFEP SH FLRST
1695A 0021000
305 MT
18.144 KG
RED
C
#18 FFEP SH FLRST
1695A 0031000
305 MT
18.144 KG
ORANGE
C
#18 FFEP SH FLRST
1695A 0041000
305 MT
18.144 KG
YELLOW
C
#18 FFEP SH FLRST
1695A 0061000
305 MT
18.144 KG
BLUE, LIGHT
C
#18 FFEP SH FLRST
1695A 0071000
305 MT
18.144 KG
VIOLET
C
#18 FFEP SH FLRST
1695A 0081000
305 MT
18.144 KG
GRAY
C
#18 FFEP SH FLRST
1695A 0101000
305 MT
18.144 KG
BLACK
C
#18 FFEP SH FLRST
1695A 010500
152 MT
9.072 KG
BLACK
C
#18 FFEP SH FLRST
1695A 0105000
1,524 MT
86.183 KG
BLACK
C
#18 FFEP SH FLRST
1695A 8771000
305 MT
18.144 KG
NATURAL
C
#18 FFEP SH FLRST
1695A 877500
152 MT
8.391 KG
NATURAL
Z
#18 FFEP SH FLRST
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Revision Number: 8
Revision Date: 07-29-2013
© 2013 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
Page 3 of 4
08-21-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1695A Coax - Low Loss Serial Digital Coax


Similar Part No. - 1695A0031000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1695A0031000 BELDEN-1695A0031000 Datasheet
246Kb / 4P
   Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1695A00310000 BELDEN-1695A00310000 Datasheet
246Kb / 4P
   Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
More results

Similar Description - 1695A0031000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
88240 ETC2-88240 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG solid .033 bare copper conductor, plenum, FEP teflon insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1733139 ETC2-1733139 Datasheet
103Kb / 3P
   18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1351636 ETC2-1351636 Datasheet
101Kb / 3P
   Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com