Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

972906010000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 972906010000
Description  24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

972906010000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  972906010000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 972906010000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 972906010000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Min. Bend Radius (Install)/Minor Axis:
3.250 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 2493 (300 V 60°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
89729, 82729
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
100
Nom. Inductance:
Inductance (µH/ft)
0.23
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
12.5
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
23.2
Nominal Velocity of Propagation:
VP (%)
76
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
24
Ind. Pair Nominal Shield DC Resistance @ 20
Deg. C:
15 Ohm/1000 ft
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
.384
0.74
.7056
0.87
.768
0.88
1.024
0.94
1.4112
1.01
1.536
1.03
Page 2 of 3
02-24-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9729 Multi-Conductor - Shielded Twisted Pair Cable


Similar Part No. - 972906010000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9729 BELDEN-9729 Datasheet
262Kb / 2P
   RS232/422 Low Cap, #24-2pr, FPE, Indiv. Foil, PVC Jkt, CM, 100廓
logo
Visual Communications C...
972960V03BCN VCC-972960V03BCN Datasheet
840Kb / 2P
   Dia Indicator Lights
972960V03WCN VCC-972960V03WCN Datasheet
840Kb / 2P
   Dia Indicator Lights
972960V06BCN VCC-972960V06BCN Datasheet
840Kb / 2P
   Dia Indicator Lights
972960V06WCN VCC-972960V06WCN Datasheet
840Kb / 2P
   Dia Indicator Lights
More results

Similar Description - 972906010000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351642 ETC2-1351642 Datasheet
103Kb / 4P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1346014 ETC2-1346014 Datasheet
102Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com