Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6670S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDS6670S
Description  30V N-Channel PowerTrench SyncFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6670S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS6670S Datasheet HTML 1Page - Fairchild Semiconductor FDS6670S Datasheet HTML 2Page - Fairchild Semiconductor FDS6670S Datasheet HTML 3Page - Fairchild Semiconductor FDS6670S Datasheet HTML 4Page - Fairchild Semiconductor FDS6670S Datasheet HTML 5Page - Fairchild Semiconductor FDS6670S Datasheet HTML 6Page - Fairchild Semiconductor FDS6670S Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDS6670S Rev E (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 1 mA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 1 mA, Referenced to 25
°C
24
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
500
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –20 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 1 mA
1
2.2
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 1 mA, Referenced to 25
°C
–6.2
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 13.5 A
VGS = 4.5 V,
ID = 11.2 A
VGS=10 V, ID =13.5A, TJ=100
°C
7
9.5
9
9
12.5
12.5
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 10 V,
ID = 13.5 A
45
S
Dynamic Characteristics
Ciss
Input Capacitance
2674
pF
Coss
Output Capacitance
751
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
254
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
10
20
ns
td(off)
Turn–Off Delay Time
44
70
ns
tf
Turn–Off Fall Time
VDS = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
23
37
ns
Qg
Total Gate Charge
24
34
nC
Qgs
Gate–Source Charge
7.3
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 13.5 A,
VGS = 5 V
6
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
3.5
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 3.5 A
(Note 2)
VGS = 0 V,
IS = 7 A
(Note 2)
0.4
0.5
0.7
V
trr
Diode Reverse Recovery Time
26.8
nS
Qrr
Diode Reverse Recovery Charge
IF = 13.5A,
diF/dt = 300 A/µs
(Note 3)
47.2
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°C/W when
mounted on a 1 in
2
pad of 2 oz copper
b) 105°C/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°C/W when mounted on a
minimum pad.


Similar Part No. - FDS6670S

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDS6670 UMW-FDS6670 Datasheet
423Kb / 6P
   100V N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
138Kb / 5P
   Single N-Channel, Logic Level, PowerTrench MOSFET
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
114Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDS6670AS FAIRCHILD-FDS6670AS Datasheet
748Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
More results

Similar Description - FDS6670S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com