Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5307S15X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5307S15X
Description  High-Efficiency Step-Down DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5307S15X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5307S15X Datasheet HTML 4Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 5Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 6Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 7Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 8Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 9Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 10Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 11Page - Fairchild Semiconductor FAN5307S15X Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
FAN5307 Rev. 1.0.4
N-channel rectifier switch. The device stays in sleep
mode until the output voltage falls below the low thresh-
old. The FAN5307 enters the PWM mode as soon as the
output voltage can no longer be regulated in PFM with
constant peak current.
100% Duty Cycle Operation
As the input voltage approaches the output voltage and
the duty cycle exceeds the typical 95%, the converter
turns the P-channel transistor continuously on. In this
mode the output voltage is equal to the input voltage
minus the voltage drop across the P-channel transistor:
VOUT = VIN – ILOAD × (RdsON + RL), where
RdsON = P-channel switch ON resistance
ILOAD = Output current
RL = Inductor DC resistance
Soft Start
The FAN5307 has an internal soft-start circuit that limits
the inrush current during start-up. This prevents possible
voltage drops of the input voltage and eliminates the out-
put voltage overshoot. The soft-start is implemented as a
digital circuit increasing the switch current in four steps to
the P-channel current limit (520mA). Typical start-up time
for a 10µF output capacitor and a load current of 200mA
is 500µs.
Short-Circuit Protection
The switch peak current is limited cycle by cycle to a typ-
ical value of 520mA. In the event of a output voltage
short circuit the device operates at minimum duty cycle,
therefore the average input current is typically 100mA.


Similar Part No. - FAN5307S15X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308 Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
409Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308MPX FAIRCHILD-FAN5308MPX Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
More results

Similar Description - FAN5307S15X

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
   high-efficiency step down DC-DC converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
   800mA High-Efficiency Step-Down DC-DC Converter
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
   1A High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
   1.2A, High Efficiency Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com