Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117Y-L Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1117Y-L
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117Y-L Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1117Y-L Datasheet HTML 2Page - Anachip Corp AP1117Y-L Datasheet HTML 3Page - Anachip Corp AP1117Y-L Datasheet HTML 4Page - Anachip Corp AP1117Y-L Datasheet HTML 5Page - Anachip Corp AP1117Y-L Datasheet HTML 6Page - Anachip Corp AP1117Y-L Datasheet HTML 7Page - Anachip Corp AP1117Y-L Datasheet HTML 8Page - Anachip Corp AP1117Y-L Datasheet HTML 9Page - Anachip Corp AP1117Y-L Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug 17, 2004
6/11
Marking Information
(1) SOT223-3L
X X X
1 1 1 7 X
Output Type:
1117 : ADJ
17-15: 1.5V
17-18: 1.8V
17-25: 2.5V
17-33: 3.3V
17-50: 5.0V
Logo
ID Code
Month: A~L = 01~12
Year:
(Top view)
"2" = 2002
"1" = 2001
Blank: normal
L: Lead Free Package
17-19: 1.9V
(2) TO252-3L
1 7- 33
Output Type:
1117: Adjustable
17-15: 1.5V
17-18: 1.8V
17-19: 1.9V
17-25: 2.5V
17-33: 3.3V
17-50: 5.0V
Logo
ID Code
Xth Week: 01~52
Year:
(Top view)
"02" = 2002
"01" = 2001
X X X X X X
Blank: normal
L: Lead Free Package
(3) TO220-3L
1117-33
Output Type:
1117: ADJ
1117-15: 1.5V
1117-18: 1.8V
1117-19: 1.9V
1117-25: 2.5V
1117-33: 3.3V
1117-50: 5.0V
Logo
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
XX XX X X
Xth week: 01~52
Blank: normal
L: Lead Free Package
(5) TO263-3L
1117-33
Output Type:
1117: ADJ
1117-15: 1.5V
1117-18: 1.8V
1117-19: 1.9V
1117-25: 2.5V
1117-33: 3.3V
1117-50: 5.0V
Logo
ID code
Year:
( Top view )
"02" = 2002
"01" = 2001
XX XX X X
Xth week: 01~52
Blank: normal
L: Lead Free Package
(4) SOT89-3L
1
3
2
Date Code
Month: A~L
Year: 0~9
Identification Code
( See the table )
XX
XX X
Blank: normal
L: Lead Free Package
Identification
code
Output version
DA
AP1117-ADJ
DB
AP1117-1.5V
DC
AP1117-1.8V
DG
AP1117-1.9V
DD
AP1117-2.5V
DE
AP1117-3.3V
DF
AP1117-5.0V


Similar Part No. - AP1117Y-L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117Y DIODES-AP1117Y Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15G-13 DIODES-AP1117Y15G-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15G-U DIODES-AP1117Y15G-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15L-13 DIODES-AP1117Y15L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117Y15L-U DIODES-AP1117Y15L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117Y-L

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com