Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R47 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT46R47
Description  8-Bit OTP Battery Charger Controller
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R47 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT46R47 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R47 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
HT46R47
Rev. 1.40
11
July 18, 2001
sired control sequence, the contents should be
saved in advance.
External interrupts are triggered by a high to
low transition of INT and the related interrupt
request flag (EIF; bit 4 of INTC) will be set.
When the interrupt is enabled, the stack is not
full and the external interrupt is active, a sub-
routine call to location 04H will occur. The in-
terrupt request flag (EIF) and EMI bits will be
cleared to disable other interrupts.
The internal timer/event counter interrupt is
initialized by setting the timer/event counter
interrupt request flag (TF; bit 5 of INTC),
caused by a timer overflow. When the interrupt
is enabled, the stack is not full and the TF bit is
set, a subroutine call to location 08H will occur.
The related interrupt request flag (TF) will be
reset and the EMI bit cleared to disable further
interrupts.
The A/D converter interrupt is initialized by
setting the A/D converter request flag (ADF; bit
6 of INTC), caused by an end of A/D conversion.
When the interrupt is enabled, the stack is not
full and the ADF is set, a subroutine call to loca-
tion 0CH will occur. The related interrupt re-
quest flag (ADF) will be reset and the EMI bit
cleared to disable further interrupts.
During the execution of an interrupt subroutine,
other interrupt acknowledgments are held until
the "RETI" instruction is executed or the EMI
bit and the related interrupt control bit are set to
1 (of course, if the stack is not full). To return
from the interrupt subroutine, "RET" or "RETI"
may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET will not.
Interrupts, occurring in the interval between
the rising edges of two consecutive T2 pulses,
will be serviced on the latter of the two T2
pulses, if the corresponding interrupts are en-
abled. In the case of simultaneous requests the
following table shows the priority that is ap-
plied. These can be masked by resetting the
EMI bit.
No. Interrupt Source Priority Vector
a
External Interrupt
1
04H
b
Timer/event
Counter Overflow
2
08H
c
A/D Converter
Interrupt
3
0CH
The timer/event counter interrupt request flag
(TF), external interrupt request flag (EIF), A/D
Register
Bit No.
Label
Function
INTC
(0BH)
0
EMI
Controls the master (global) interrupt
(1= enabled; 0= disabled)
1
EEI
Controls the external interrupt
(1= enabled; 0= disabled)
2
ETI
Controls the timer/event counter interrupt
(1= enabled; 0= disabled)
3
EADI
Controls the A/D converter interrupt
(1= enabled; 0= disabled)
4
EIF
External interrupt request flag
(1= active; 0= inactive)
5TF
Internal timer/event counter request flag
(1= active; 0= inactive)
6
ADF
A/D converter request flag
(1= active; 0= inactive)
7
¾
Unused bit, read as "0"
INTC register


Similar Part No. - HT46R47

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R47 HOLTEK-HT46R47 Datasheet
264Kb / 39P
   A/D Type 8-Bit MCU
HT46R47 HOLTEK-HT46R47 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R47E HOLTEK-HT46R47E Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
More results

Similar Description - HT46R47

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM78P806A EMC-EM78P806A Datasheet
404Kb / 41P
   8-BIT OTP MICRO-CONTROLLER
EM78P813 EMC-EM78P813 Datasheet
533Kb / 65P
   8-BIT OTP MICRO-CONTROLLER
EM78P568 EMC-EM78P568 Datasheet
568Kb / 61P
   8-BIT OTP MICRO-CONTROLLER
EM78P569 EMC-EM78P569 Datasheet
475Kb / 58P
   8 - BIT OTP MICRO CONTROLLER
logo
Holtek Semiconductor In...
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
logo
PADAUK Technology.
PMC153 PADAUK-PMC153 Datasheet
1Mb / 57P
   8-bit OTP Type IO Controller
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
logo
PADAUK Technology.
PMC150 PADAUK-PMC150 Datasheet
1Mb / 56P
   8-bit OTP Type IO Controller
logo
Zilog, Inc.
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
   CMOS Z8 8-Bit OTP Keyboad Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com