Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-I-AC-15P50 Datasheet(PDF) 1 Page - High Voltage Power Solutions, Inc.

Part # SPL-I-AC-15P50
Description  Microprocessor-Controlled Industrial Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

SPL-I-AC-15P50 Datasheet(HTML) 1 Page - High Voltage Power Solutions, Inc.

  SPL-I-AC-15P50 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. SPL-I-AC-15P50 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VERSION: 5.0
EFFECTIVE: 2 FEBRUARY 2016
PAGE: 1 OF 2
SPL-I Series
Microprocessor-Controlled
IndustrialPowerSupply
INFO
@DEANTECHNOLOGY.COM
WWW
.DEANTECHNOLOGY.COM
+1.972.248.7691
24VDCandUniversalInputVersions
Upto50Wofoutputpower
Unlimitedoutputarcandshort-circuitprotection
MultipleStatusIndicatorLEDs
Fixedoruser-adjustableoutput(50%to100%output)
Over-voltage,over-current,overtemperatureshutdown
Autoresetoffaults
Availableinpositiveornegativeversions
Softwarecustomizableperformance
Conditions
Value
Units
Input
Input Voltage
AllVersions
108–264Vac/21-28Vdc -
Power
AtMaxload
65
W
Output
Voltages Available
PrimaryOutput
15
kVDCmax
30
kVDCmax
Voltage Adjustment
0–5VDCInput
50%tomaxVo -
Power
NominalInput,MaxVo
50
W
Current, Primary Output
NominalInput,MaxVo
3.4@15kVor1.7@30kV mA
Regulation, Primary Vo
AnyStaticLoad,MaxVo
<0.2%
VDC
Ripple
FullLoad,MaxVo
<3%
Vp-p
Line Regulation
OverinputVrange,FullPower
<0.1%
VDC
Stability
Over8hr,30minwarmup
<0.2%
VDC
Control & Monitoring
Indicator UserOutput
Over Voltage
Purple 10masink >15%oversetvoltage %
Over Current
Red 5masink >10%overmaxcurrent %
Under Voltage
Blue 5masink >10%undersetvoltage %
Over Temperature
Yellow 10masink >85°Cinternaltemp. °C
Normal
Green 5masink
Environmental
Operating Temperature
CaseTemp,FullLoad,MaxVo
0to+60
°C
Temp Coefficient
OvertheOperatingTemperature
0.05
%/°C
Storage
Non-Operating,CaseTemp
-40to+85
°C
Humidity
Non-Condensing
0to95%
RH
Altitude
StandardOperatingConditions
0to10000
Feet


Similar Part No. - SPL-I-AC-15P50

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Source Photonics, Inc.
SPL-34-GB-BD-CDA SOURCE-SPL-34-GB-BD-CDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-CNA SOURCE-SPL-34-GB-BD-CNA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-TDA SOURCE-SPL-34-GB-BD-TDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-I-AC-15P50

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
logo
High Voltage Power Solu...
SPL-A-AC-15N50 HVPSI-SPL-A-AC-15N50 Datasheet
304Kb / 2P
   Microprocessor-Controlled Air Ionizer Power Supply
logo
National Semiconductor ...
LM2984 NSC-LM2984 Datasheet
398Kb / 16P
   Microprocessor Power Supply System
LM2984C NSC-LM2984C Datasheet
284Kb / 14P
   LM2984C Microprocessor Power Supply System
logo
Motorola, Inc
TCA5600 MOTOROLA-TCA5600 Datasheet
206Kb / 12P
   UNIVERSAL MICROPROCESSOR POWER SUPPLY/CONTROLLERS
logo
Texas Instruments
LM2984C TI-LM2984C_15 Datasheet
275Kb / 16P
[Old version datasheet]   LM2984C Microprocessor Power Supply System
logo
Power System Technology
FAB0307020 PST-FAB0307020 Datasheet
220Kb / 3P
   Industrial power supply
logo
Texas Instruments
UCC3830- TI-UCC3830- Datasheet
419Kb / 10P
[Old version datasheet]   5-Bit Microprocessor Power Supply Controller
logo
ON Semiconductor
CAT811 ONSEMI-CAT811_15 Datasheet
78Kb / 9P
   4-Pin Microprocessor Power Supply Supervisor
July, 2015 ??Rev. 3
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com