Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL1104 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL1104
Description  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL1104 Datasheet(HTML) 1 Page - International Rectifier

  IRL1104 Datasheet HTML 1Page - International Rectifier IRL1104 Datasheet HTML 2Page - International Rectifier IRL1104 Datasheet HTML 3Page - International Rectifier IRL1104 Datasheet HTML 4Page - International Rectifier IRL1104 Datasheet HTML 5Page - International Rectifier IRL1104 Datasheet HTML 6Page - International Rectifier IRL1104 Datasheet HTML 7Page - International Rectifier IRL1104 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HEXFET® Power MOSFET
IRL1104
PD -91805
q
Logic-Level Gate Drive
q
Advanced Process Technology
q
Ultra Low On-Resistance
q
Dynamic dv/dt Rating
q
175°C Operating Temperature
q
Fast Switching
q
Fully Avalanche Rated
VDSS = 40V
RDS(on) = 0.008Ω
ID = 104A
…
S
D
G
10/19/99
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case
––––
––––
0.9
RθCS
Case-to-Sink, Flat, Greased Surface
––––
0.50
––––
°C/W
RθJA
Junction-to-Ambient
––––
––––
62
Thermal Resistance
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
104
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
74
A
IDM
Pulsed Drain Current

416
PD @TC = 25°C
Power Dissipation
167
W
Linear Derating Factor
1.1
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy
‚
340
mJ
IAR
Avalanche Current

62
A
EAR
Repetitive Avalanche Energy

17
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
Fifth Generation HEXFET® power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon area.
This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET® power MOSFETs are well known for, provides
the designer with an extremely efficient device for use in a
wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
www.irf.com
1
TO-220AB


Similar Part No. - IRL1104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL1104L IRF-IRL1104L Datasheet
203Kb / 11P
   Logic-Level Gate Drive
IRL1104LPBF IRF-IRL1104LPBF Datasheet
222Kb / 10P
   HEXFET Power MOSFET
IRL1104PBF IRF-IRL1104PBF Datasheet
172Kb / 9P
   Logic-Level Gate Drive
IRL1104S IRF-IRL1104S Datasheet
194Kb / 10P
   Advanced Process Technology Logic-Level Gate Drive
IRL1104S IRF-IRL1104S Datasheet
203Kb / 11P
   Logic-Level Gate Drive
More results

Similar Description - IRL1104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com