Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS62C256-70T Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS62C256-70T
Description  32K x 8 LOW POWER CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS62C256-70T Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS62C256-70T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS62C256-70T Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IS62C256
2
Integrated Silicon Solution, Inc. — 1-800-379-4774
SR072-1E
05/12/99
ISSI®
PIN CONFIGURATION
28-Pin SOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
A13
A8
A9
A11
OE
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–55 to +125
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
0.5
W
IOUT
DC Output Current (LOW)
20
mA
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
22
23
24
25
26
27
28
1
2
3
4
5
6
7
21
20
19
18
17
16
15
14
13
12
11
10
9
8
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
A10
CS
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
PIN CONFIGURATION
28-Pin TSOP
PIN DESCRIPTIONS
A0-A14
Address Inputs
CS
Chip Select Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CS
CS
CS
CS
CS
OE
OE
OE
OE
OE I/O Operation Vcc Current
Not Selected
X
H
X
High-Z
ISB1, ISB2
(Power-down)
Output Disabled
H
L
H
High-Z
ICC1, ICC2
Read
H
L
L
DOUT
ICC1, ICC2
Write
L
L
X
DIN
ICC1, ICC2


Similar Part No. - IS62C256-70T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS62C256AL ISSI-IS62C256AL Datasheet
92Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
IS62C256AL ISSI-IS62C256AL Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
IS62C256AL-25TI ISSI-IS62C256AL-25TI Datasheet
92Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
IS62C256AL-25UI ISSI-IS62C256AL-25UI Datasheet
92Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C256-70T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com