Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71V30S55TFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71V30S55TFI
Description  HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V30S55TFI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71V30S55TFI Datasheet HTML 5Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 6Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 7Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 8Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 9Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 10Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 11Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 12Page - Integrated Device Technology IDT71V30S55TFI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
6.42
IDT71V30S/L
High-Speed 1K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
9
tWC
tWP
tDW
tDH
tBDD
tDDD
tBDA
tWDD
ADDR"B"
DATAOUT"B"
DATAIN"A"
ADDR"A"
MATCH
VALID
MATCH
VALID
BUSY"B"
3741 drw 10
(1)
tAPS
R/
W"A"
NOTES:
1. To ensure that the earlier of the two ports wins.
2.
CEL = CER = VIL
3.
OE = VIL for the reading port.
4. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port "B" is opposite from port "A".
Timing Waveform of Write with Port-to-Port Read with BUSY(1,2,3,4)
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(6,7)
NOTES:
1. Port-to-port delay through SRAM cells from writing port to reading port, refer to "Timing Waveform of Write with Port-to-Port Read with BUSY".
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the Write Cycle is inhibited on Port “B” during contention on Port “A”.
5. To ensure that the Write Cycle is completed on Port “B” after contention on Port “A”.
6. 'X' in part number indicates power rating (S or L).
7. Industrial temperature: for specific speeds, packages and powers contact your sales office.
71V30X25
Com'l Only
71V30X35
Com'l Only
71V30X55
Com'l Only
Unit
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
BUSY TIMING (M/S=VIH)
tBAA
BUSY Access Time from Address Match
____
20
____
20
____
30
ns
tBDA
BUSY Disable Time from Address Not Matched
____
20
____
20
____
30
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
20
____
30
ns
tBDC
BUSY Disable Time from Chip Enable
____
20
____
20
____
30
ns
tWH
Write Hold After
BUSY(5)
20
____
30
____
40
____
ns
tWDD
Write Pulse to Data Delay(1)
____
50
____
60
____
80
ns
tDDD
Write Data Valid to Read Data Delay(1)
____
35
____
45
____
65
ns
tAPS
Arbitration Priority Set-up Time(2)
5
____
5
____
5
____
ns
tBDD
BUSY Disable to Valid Data(3)
____
30
____
30
____
45
ns
3741 tbl 11


Similar Part No. - IDT71V30S55TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V30S IDT-IDT71V30S Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT71V30S55TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V07S IDT-IDT70V07S_05 Datasheet
162Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com