Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57321V2103J060 Datasheet(PDF) 2 Page - TDK Electronics

Part # B57321V2103J060
Description  SMD NTC thermistors,
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B57321V2103J060 Datasheet(HTML) 2 Page - TDK Electronics

  B57321V2103J060 Datasheet HTML 1Page - TDK Electronics B57321V2103J060 Datasheet HTML 2Page - TDK Electronics B57321V2103J060 Datasheet HTML 3Page - TDK Electronics B57321V2103J060 Datasheet HTML 4Page - TDK Electronics B57321V2103J060 Datasheet HTML 5Page - TDK Electronics B57321V2103J060 Datasheet HTML 6Page - TDK Electronics B57321V2103J060 Datasheet HTML 7Page - TDK Electronics B57321V2103J060 Datasheet HTML 8Page - TDK Electronics B57321V2103J060 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1) Depends on mounting situation
Applications
Temperature measurement and
compensation
Features
Multilayer SMD NTC with inner electrodes
Nickel barrier termination
Excellent long-term aging stability in high
temperature environment
UL approval (E69802)
Options
Alternative resistance ratings, resistance
tolerances and B value tolerances available
on request.
Delivery mode
Cardboard tape, 180-mm reel (standard);
330-mm reel (on request)
Dimensional drawing
Dimensions in mm
Approx. weight 6 mg
General technical data
Operating temperature range
Top
55 ... 125
°C
Max. power
(at 25
°C, on PCB) P
25
1)
180
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(on PCB)
δ
th
1)
approx. 3
mW/K
Thermal cooling time constant
(on PCB)
τ
c
1)
approx. 4
s
Heat capacity
Cth1)
approx. 12
mJ/K
Temperature measurement and compensation
B573**V2
SMD NTC thermistors, case size 0603 (1608)
Standard series
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57321V2103J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57321V2103J060 EPCOS-B57321V2103J060 Datasheet
421Kb / 20P
   NTC thermistors for temperature measurement
B57321V2103J060 EPCOS-B57321V2103J060 Datasheet
414Kb / 20P
   NTC thermistors for temperature measurement
More results

Similar Description - B57321V2103J060

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com