Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5602 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5602
Description  Dual, High Output, Video Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5602 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5602 Datasheet HTML 4Page - National Semiconductor (TI) CLC5602 Datasheet HTML 5Page - National Semiconductor (TI) CLC5602 Datasheet HTML 6Page - National Semiconductor (TI) CLC5602 Datasheet HTML 7Page - National Semiconductor (TI) CLC5602 Datasheet HTML 8Page - National Semiconductor (TI) CLC5602 Datasheet HTML 9Page - National Semiconductor (TI) CLC5602 Datasheet HTML 10Page - National Semiconductor (TI) CLC5602 Datasheet HTML 11Page - National Semiconductor (TI) CLC5602 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
where Zo(5602)(jω) is the output impedance of the
CLC5602 and |Zo(5602)(jω)| << Rm.
The load voltage and current will fall in the ranges:
The CLC5602’s high output drive current and low
distortion make it a good choice for this application.
Full Duplex Cable Driver
The circuit shown in Figure 16 below, operates as a full
duplex cable driver which allows simultaneous transmis-
sion and reception of signals on one transmission line.
The circuit on either side of the transmission line uses are
CLC5602 as a cable driver, and the second CLC5602 as
a receiver. VoA is an attenuated version of VinA, while VoB
is an attenuated version of VinB.
Figure 16: Full Duplex Cable Driver
Rm1 is used to match the transmission line. Rf2 and Rg2
set the DC gain of the CLC5602, which is used in a
difference mode. Rt2 provides good CMRR and DC
offset. The transmitting CLC5602’s are shown in a unity
gain configuration because they consume the least
power of any gain, for a given load. For proper operation
we need Rf2 = Rg2.
The receiver output voltages are:
where A is the attenuation of the cable, Zo(5602)(jω) is the
output impedance of the CLC5602 (see the
Closed-Loop
Output Resistance plot), and
|Zo(5602)(jω)| << Rm1.
We selected the component values as follows:
s
Rf1 = 1.0kΩ, the recommended value for the
CLC5602 at unity gain
s
Rm1 = Zo = 50Ω, the characteristic impedance
of the transmission line
s
Rf2 = Rg2 = 750Ω ≥ Rm1, the recommended
value for the CLC5602 at Av = 2
s
These values give excellent isolation from the other input:
The CLC5602 provides large output current drive, while
consuming little supply current, at the nominal bias point.
It also produces low distortion with large signal swings
and heavy loads. These features make the CLC5602 an
excellent choice for driving transmission lines.
Rf1
+
-
Rt1
Z0
Rf2
-
+
1/2
CLC5602
VinA
Rg2
Rt2
Rm1
VoB
Rf1
+
-
Rt1
Rf2
-
+
VinB
Rg2
Rt2
Rm1
VoA
1/2
CLC5602
1/2
CLC5602
1/2
CLC5602
R(R
|| R
) –
R
2
25
t2
f2
g2
m1
==
V
V
38dB, f
5.0MHz
oA(B)
inB(A)
≈−
=
VV
A
V
2
1
R
R
Z(j )
R
outA(B)
inA(B)
inB(A)
f2
g2
o(5602)
m1
≈⋅ +
⋅ −
+
ω
Vn V
I
I
n
o
o
≤⋅
max
max


Similar Part No. - CLC5602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
   Wideband, Low Distortion DriveR-Amps
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
CLC5612IM NSC-CLC5612IM Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
CLC5612IMX NSC-CLC5612IMX Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
CLC5612IN NSC-CLC5612IN Datasheet
304Kb / 18P
   Dual, High Output, Programmable Gain Buffer
More results

Similar Description - CLC5602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
logo
NXP Semiconductors
TDA6101Q PHILIPS-TDA6101Q Datasheet
77Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6111Q PHILIPS-TDA6111Q Datasheet
78Kb / 16P
   Video output amplifier
1995 Feb 07
TDA6106Q PHILIPS-TDA6106Q Datasheet
111Kb / 12P
   Video output amplifier
1997 Mar 03
TDA6120Q PHILIPS-TDA6120Q Datasheet
117Kb / 16P
   Video output amplifier
1997 Aug 27
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023 AD-AD8023_15 Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com