Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117K-25A Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1117K-25A
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117K-25A Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP1117K-25A Datasheet HTML 3Page - Anachip Corp AP1117K-25A Datasheet HTML 4Page - Anachip Corp AP1117K-25A Datasheet HTML 5Page - Anachip Corp AP1117K-25A Datasheet HTML 6Page - Anachip Corp AP1117K-25A Datasheet HTML 7Page - Anachip Corp AP1117K-25A Datasheet HTML 8Page - Anachip Corp AP1117K-25A Datasheet HTML 9Page - Anachip Corp AP1117K-25A Datasheet HTML 10Page - Anachip Corp AP1117K-25A Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug 17, 2004
7/11
Package Dimension
(1) SOT223
H
E
K
D
B1
e
e1
ß
ß
B
L
Seating Plane
3.3
2.3
1.2
Land Pattern Recommendation (Unit: mm)
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.50
1.65
1.80
0.059
0.065
0.071
A1
0.02
0.05
0.08
0.001
0.002
0.003
B
0.60
0.70
0.80
0.024
0.028
0.031
B1
2.90
-
3.15(Ref.)
0.114
-
0.124(Ref.)
c
0.28
0.30
0.32
0.011
0.012
0.013
D
6.30
6.50
6.70
0.248
0.256
0.264
E
3.30
3.50
3.70
0.130
0.138
0.146
e
2.3 Basic
0.091 Basic
e1
4.6 Basic
0.181 Basic
H
6.70
7.00
7.30
0.264
0.276
0.287
L
0.91
1.00
1.10
0.036
0.039
0.043
K
1.50
1.75
2.00
0.059
0.069
0.079
α
5
o
10°
5
o
10°
β
-
13o
-
-
13o
-


Similar Part No. - AP1117K-25A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117K DIODES-AP1117K Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117K15G-13 DIODES-AP1117K15G-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117K15G-U DIODES-AP1117K15G-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117K15L-13 DIODES-AP1117K15L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117K15L-U DIODES-AP1117K15L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117K-25A

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com