Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4016M86VSB-5 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AD4016M86VSB-5
Description  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD4016M86VSB-5 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AD4016M86VSB-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 11Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 12Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 13Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 14Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 15Page - List of Unclassifed Manufacturers AD4016M86VSB-5 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Rev.1
Page 12
Read- Modify- Write Cycle
Refresh Cycle
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
Read-modify- write cycle time
tRWC
108
-
133
-
ns
RAS to WE delay time
tRWD
64
-
77
-
ns
18
CAS to WE dealy time
tCWD
26
-
32
-
ns
18
Column address to WE delay time
tAWD
39
-
47
-
ns
18
OE hold time from WE
tOEH
8
-
10
-
ns
Parameter
Symbol
AD404M42V
Unit
Notes
-5
-6
Min
Max
Min
Max
CAS setup time (CBR refresh)
tCSR
5
-
5
-
ns
CAS hold time (CBR refresh)
tCHR
8
-
10
-
ns
10
RAS precharge to CAS hold time
tRPC
5
-
5
-
ns
7
RAS pulse width (self refresh)
tRASS
100
-
100
-
RAS precharge time (self refresh)
tRPS
90
-
110
-
ns
CAS hold time (CBR self refresh)
tCHS
-50
-
-50
-
ns
WE setup time
tWSR
0
-
0
-
ns
WE hold time
tWHR
10
-
10
-
ns
µs


Similar Part No. - AD4016M86VSB-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4011 AD-AD4011 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4011BCPZ-RL7 AD-AD4011BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

Similar Description - AD4016M86VSB-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com