Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5623 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5623
Description  Triple, High Output, Video Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5623 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC5623 Datasheet HTML 1Page - National Semiconductor (TI) CLC5623 Datasheet HTML 2Page - National Semiconductor (TI) CLC5623 Datasheet HTML 3Page - National Semiconductor (TI) CLC5623 Datasheet HTML 4Page - National Semiconductor (TI) CLC5623 Datasheet HTML 5Page - National Semiconductor (TI) CLC5623 Datasheet HTML 6Page - National Semiconductor (TI) CLC5623 Datasheet HTML 7Page - National Semiconductor (TI) CLC5623 Datasheet HTML 8Page - National Semiconductor (TI) CLC5623 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC5623IN
+25°C
+25°C
0 to 70°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo = 1.5Vpp
107
85
75
75
MHz
-0.1dB bandwidth
Vo = 0.5Vpp
14
13
10
10
MHz
gain peaking
<200MHz, Vo = 0.5Vpp
0
0.5
0.9
0.9
dB
gain rolloff
<30MHz, Vo = 0.5Vpp
0.3
0.7
0.8
0.8
dB
linear phase deviation
<30MHz, Vo = 0.5Vpp
1.0
2.0
2.4
2.4
deg
differential gain
NTSC, RL = 150Ω to -1V
0.03
%
differential phase
NTSC, RL = 150Ω to -1V
0.08
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
4.5
6.0
6.4
6.8
ns
settling time to 0.05%
1V step
17
25
40
60
ns
overshoot
2V step
11
15
18
18
%
slew rate
2V step
280
195
165
150
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-76
dBc
2Vpp, 1MHz; RL = 1kΩ
-85
dBc
2Vpp, 5MHz
-63
-58
-56
-56
dBc
3rd harmonic distortion
2Vpp, 1MHz
-88
dBc
2Vpp, 1MHz; RL = 1kΩ
-96
dBc
2Vpp, 5MHz
-65
-62
-60
-60
dBc
equivalent input noise
voltage (eni)
>1MHz
4.9
5.9
6.4
6.4
nV/
√Hz
non-inverting current (ibn)
>1MHz
6.6
8.5
9.3
9.3
pA/
√Hz
inverting current (ibi)
>1MHz
11.1
14.7
15.8
15.8
pA/
√Hz
crosstalk (input referred)
10MHz, 1Vpp
-51
dB
crosstalk, all hostile (input referred) 10MHz, 1Vpp
-49
dB
STATIC DC PERFORMANCE
input offset voltage
1
4
6
6
mV
A
average drift
8
µV/˚C
input bias current (non-inverting)
6
18
22
24
µAA
average drift
40
nA/˚C
input bias current (inverting)
6
14
16
17
µAA
average drift
25
nA/˚C
power supply rejection ratio
DC
48
45
43
43
dB
common-mode rejection ratio
DC
45
43
41
41
dB
supply current per channel
RL= ∞
3.0
3.4
3.6
3.6
mA
A
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
0.86
0.50
0.45
0.45
M
input capacitance (non-inverting)
1.8
2.75
2.75
2.75
pF
input voltage range, High
4.2
4.1
4.1
4.0
V
input voltage range, Low
0.8
0.9
0.9
1.0
V
output voltage range, High
RL = 100Ω
4.0
3.9
3.9
3.8
V
output voltage range, Low
RL = 100Ω
1.0
1.1
1.1
1.2
V
output voltage range, High
RL = ∞
4.1
4.0
4.0
3.9
V
output voltage range, Low
RL = ∞
0.9
1.0
1.0
1.1
V
output current
100
80
65
40
mA
B
output resistance, closed loop
DC
70
105
105
140
m
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
+5V Characteristics (A
v = +2, Rf = 750Ω,Rf = 1kΩ (PDIP), Rf = 750Ω (SOIC), Vs = +5V
1,Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Absolute Maximum Ratings
supply voltage (VCC - VEE)
+14V
output current (see note C)
140mA
common-mode input voltage
VEE to VCC
maximum junction temperature
+150°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
Notes
A) J-level: spec is 100% tested at +25°C.
B) The short circuit current can exceed the maximum safe
output current.
1) Vs = VCC - VEE
Reliability Information
Transistor Count
147


Similar Part No. - CLC5623

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5622IM NSC-CLC5622IM Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622IMX NSC-CLC5622IMX Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622IN NSC-CLC5622IN Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
More results

Similar Description - CLC5623

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6107AJF NXP-TDA6107AJF Datasheet
77Kb / 16P
   Triple video output amplifier
Rev. 02-28 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Analog Devices
AD8023 AD-AD8023 Datasheet
553Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
AD8023ARZ AD-AD8023ARZ Datasheet
555Kb / 11P
   High Current Output, Triple Video Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com