Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10-4LT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBTH10-4LT1
Description  VHF/UHF Transistor (NPN Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTH10-4LT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBTH10-4LT1 Datasheet HTML 1Page - ON Semiconductor MMBTH10-4LT1 Datasheet HTML 2Page - ON Semiconductor MMBTH10-4LT1 Datasheet HTML 3Page - ON Semiconductor MMBTH10-4LT1 Datasheet HTML 4Page - ON Semiconductor MMBTH10-4LT1 Datasheet HTML 5Page - ON Semiconductor MMBTH10-4LT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2003
December, 2003 − Rev. 2
1
Publication Order Number:
MMBTH10LT1/D
MMBTH10LT1,
MMBTH10−4LT1
Preferred Devices
VHF/UHF Transistor
NPN Silicon
Device Marking: 3EM
Device Marking:
Features
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector-Emitter Voltage
VCEO
25
Vdc
Collector-Base Voltage
VCBO
30
Vdc
Emitter-Base Voltage
VEBO
3.0
Vdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR−5 Board (Note 1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance,
Junction to Ambient (Note 1)
R
θJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction to Ambient (Note 2)
R
θJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina
Device
Package
Shipping†
ORDERING INFORMATION
MMBTH10LT1
SOT−23
CASE 318
SOT−23
STYLE 6
3000/Tape & Reel
Preferred devices are recommended choices for future use
and best overall value.
MMBTH10−4LT1
SOT−23
3000/Tape & Reel
1
2
3
COLLECTOR
3
1
BASE
2
EMITTER
http://onsemi.com
MMBTH10LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - MMBTH10-4LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTH10-4LT1 ONSEMI-MMBTH10-4LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MMBTH10-4LT1G ONSEMI-MMBTH10-4LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
MMBTH10-4LT1G ONSEMI-MMBTH10-4LT1G Datasheet
97Kb / 5P
   VHF/UHF Transistor
October, 2016 ??Rev. 6
More results

Similar Description - MMBTH10-4LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
   VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
Pan Jit International I...
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
   NPN Silicon VHF/UHF Transistor
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
   NPN Silicon VHF/UHF Transistor
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
   VHF/UHF NPN SILICON TRANSISTOR
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
   VHF/UHF NPN SILICON TRANSISTOR
logo
ON Semiconductor
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
   VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Zetex Semiconductors
ZUMT918 ZETEX-ZUMT918 Datasheet
19Kb / 1P
   NPN SILICON PLANAR VHF/UHF TRANSISTOR
logo
NTE Electronics
NTE69 NTE-NTE69 Datasheet
20Kb / 2P
   Silicon NPN Transistor UHF/VHF Amplifier
logo
Zetex Semiconductors
FMMT918 ZETEX-FMMT918 Datasheet
47Kb / 1P
   NPN SILICON PLANAR VHF/UHF TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com