Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-75-5 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-75-5
Description  75W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-75-5 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LRS-75-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-75-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-75-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-75-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Industrial automation machinery
Industrial control system
Mechanical and electrical equipment
Electronic instruments, equipments or
apparatus
■ Features
■ Applications
75W Single Output Switching Power Supply
LRS-75 series
Bauar
Sicherheit
egel
ge
ma
t gepruft
od
be
www.
ID 2000000000
tuv.com
wac
g
os
■ Model Encoding
File Name:LRS-75-SPEC 2016-03-11
Output voltage
Output wattage
Series name
LRS
-
-75
easily meet the worldwide energy requirement. LRS-75 has the complete protection functions and 5G anti-
vibration capability; it is complied with the international safety regulations such as TUV EN60950-1,
■ Description
LRS-75 series is a 75W single-output enclosed type power supply with 30mm of low profile design. Adopting
the full range 85~264VAC input, the entire series provides an output voltage line of 5V, 12V, 15V, 24V,
36V and 48V.
In addition to the high efficiency up to 91.5%, the design of metallic mesh case enhances the heat dissipation
of LRS-75 that the whole series operates from -30 through 70 under air convection without a fan.
℃℃
Delivering an extremely low no load power consumption (less than 0.3W), it allows the end system to
EN60335-1,EN61558-1/-2-16, UL60950-1
and GB4943. LRS-75 series serves as a high price-to-
performance power supply solution for various industrial applications.
Household appliances
5
Universal AC input / Full range
Withstand 300VAC surge input for 5 second
No load power consumption<0.2W
Miniature size and 1U low profile
High operating temperature up to 70℃
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Compliance to IEC/EN 60335-1(PD3) and
IEC/EN61558-1, -2-16 for household appliances
Operating altitude up to 5000 meters (Note.7)
Withstand 5G vibration test
High efficiency, long life and high reliability
LED indicator for power on
100% full load burn-in test
3 years warranty


Similar Part No. - LRS-75-5

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LRS-1-D-7-DI-MAXI FESTO-LRS-1-D-7-DI-MAXI Datasheet
93Kb / 1P
   Pressure regulator
LRS-1-D-7-MAXI FESTO-LRS-1-D-7-MAXI Datasheet
94Kb / 1P
   Pressure regulator
LRS-1-D-7-O-DI-MAXI FESTO-LRS-1-D-7-O-DI-MAXI Datasheet
87Kb / 1P
   Pressure regulator
LRS-1-D-7-O-MAXI FESTO-LRS-1-D-7-O-MAXI Datasheet
88Kb / 1P
   Pressure regulator
LRS-1-D-DI-MAXI FESTO-LRS-1-D-DI-MAXI Datasheet
93Kb / 1P
   Pressure regulator
More results

Similar Description - LRS-75-5

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-75 ASTRODYNE-LPS-75 Datasheet
377Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-75 MEANWELL-LPS-75 Datasheet
301Kb / 2P
   75W Single Output Switching Power Supply
SCP-75 MEANWELL-SCP-75_11 Datasheet
313Kb / 3P
   75W Single Output Switching Power Supply
LPS-75_1108 MEANWELL-LPS-75_1108 Datasheet
303Kb / 2P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com