Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRS-75-15 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # LRS-75-15
Description  75W Single Output Switching Power Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LRS-75-15 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  LRS-75-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LRS-75-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LRS-75-15 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LRS-75-15 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mechanical Specification
Case No.240A
Unit:mm
Terminal Pin No. Assignment
Pin No.
Pin No.
1
2
4
3
5
Assignment
Assignment
DC OUTPUT -V
DC OUTPUT +V
FG
AC/L
AC/N
ψ3.5
4
5
3
2
1
4.5
92.5
20.5
55
99
10
74
6.5
90
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
75W Single Output Switching Power Supply
LRS-75 series
File Name:LRS-75-SPEC 2016-03-11


Similar Part No. - LRS-75-15

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
LRS-1-D-7-DI-MAXI FESTO-LRS-1-D-7-DI-MAXI Datasheet
93Kb / 1P
   Pressure regulator
LRS-1-D-7-MAXI FESTO-LRS-1-D-7-MAXI Datasheet
94Kb / 1P
   Pressure regulator
LRS-1-D-7-O-DI-MAXI FESTO-LRS-1-D-7-O-DI-MAXI Datasheet
87Kb / 1P
   Pressure regulator
LRS-1-D-7-O-MAXI FESTO-LRS-1-D-7-O-MAXI Datasheet
88Kb / 1P
   Pressure regulator
LRS-1-D-DI-MAXI FESTO-LRS-1-D-DI-MAXI Datasheet
93Kb / 1P
   Pressure regulator
More results

Similar Description - LRS-75-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-75 TOTAL-POWER-NES-75 Datasheet
406Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS75 ASTRODYNE-LPS75 Datasheet
322Kb / 4P
   75W Single Output Switching Power Supply
RS-75 ASTRODYNE-RS-75 Datasheet
307Kb / 2P
   75W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-75 RSG-LPS-75 Datasheet
188Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
NES-75 MEANWELL-NES-75 Datasheet
404Kb / 2P
   75W Single Output Switching Power Supply
LPS-75 MEANWELL-LPS-75_10 Datasheet
304Kb / 2P
   75W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-75 ASTRODYNE-LPS-75 Datasheet
377Kb / 2P
   75W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-75 MEANWELL-LPS-75 Datasheet
301Kb / 2P
   75W Single Output Switching Power Supply
SCP-75 MEANWELL-SCP-75_11 Datasheet
313Kb / 3P
   75W Single Output Switching Power Supply
LPS-75_1108 MEANWELL-LPS-75_1108 Datasheet
303Kb / 2P
   75W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com