Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD7000 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MMBD7000
Description  SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MMBD7000 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MMBD7000 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD7000 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD7000 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MMBD7000 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
www.cj-elec.com
1
SOT-23 Plastic-Encapsulate Diodes
MMBD7000 SWITCHING DIODE
FEATURES
Dual Swithching Diode
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
MARKING: M5C
Maximum Ratings@Ta=25
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
VRRM
VRWM
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t =8.3
IFSM
2
A
Power Dissipation
PD
225
mW
Thermal Resistance,Junction to Ambient
RθJA
556
℃/W
Junction temperature
Tj
150
Storage temperature range
TSTG
-55~+150
SOT-23
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Reverse breakdown voltage
V(BR)
IR=100μA
100
V
Reverse voltage leakage current
IR
VR=50V
VR=100V
1.0
3.0
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=100mA
0.55
0.67
0.75
0.7
0.82
1.1
V
Diode capacitance
CT
VR=0V
,f =1.0MHz
2
pF
Reverse recovery time
trr
Irr=0.1 x IR,RL=100Ω
IF=IR=10mA
,
4
n
s
M5C
ms
D,Apr,2016
M5C= Device code


Similar Part No. - MMBD7000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD7000 DIODES-MMBD7000 Datasheet
100Kb / 5P
   DUAL SURFACE MOUNT SWITCHING DIODE
July 2012
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
   DUAL SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
MMBD7000 BILIN-MMBD7000 Datasheet
189Kb / 3P
   Surface mount switching diode
logo
Guangdong Kexin Industr...
MMBD7000 KEXIN-MMBD7000 Datasheet
800Kb / 2P
   Switching Diodes
logo
SHIKUES Electronics
MMBD7000 SKTECHNOLGY-MMBD7000 Datasheet
506Kb / 2P
   Fast Switching Speed
More results

Similar Description - MMBD7000

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com