Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

662104130822 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 662104130822
Description  3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH THROUGH HOLE RETENTION CLIPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

662104130822 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  662104130822 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 662104130822 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 662104130822 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
APPROVAL: BBu
UNIT: MM
SCALE:
SHEET: 2/3
WERI PART NO: 662 1xx 130 822
DRAW:
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
04-FEB-15
PDF
QP
A
DESCRIPTION: 3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER
WITH THROUGH HOLE RETENTION CLIPS


Similar Part No. - 662104130822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
662104136022 WURTH-662104136022 Datasheet
627Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH SNAP-IN PLASTIC PEGS
More results

Similar Description - 662104130822

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
662106130822 WURTH-662106130822 Datasheet
577Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH THROUGH HOLE RETENTION CLIPS
662103130822 WURTH-662103130822 Datasheet
577Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH THROUGH HOLE RETENTION CLIPS
662105130822 WURTH-662105130822 Datasheet
577Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH THROUGH HOLE RETENTION CLIPS
662304135922 WURTH-662304135922 Datasheet
496Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH THROUGH HOLE RETENTION CLIPS
662303135922 WURTH-662303135922 Datasheet
496Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH THROUGH HOLE RETENTION CLIPS
662305135922 WURTH-662305135922 Datasheet
496Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH THROUGH HOLE RETENTION CLIPS
662104136022 WURTH-662104136022 Datasheet
627Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH SNAP-IN PLASTIC PEGS
662103136022 WURTH-662103136022 Datasheet
627Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH SNAP-IN PLASTIC PEGS
662106136022 WURTH-662106136022 Datasheet
627Kb / 3P
   3.00 MM SMT SINGLE ROW MALE RIGHT ANGLED HEADER WITH SNAP-IN PLASTIC PEGS
662305131822 WURTH-662305131822 Datasheet
454Kb / 3P
   3.00 MM SMT SINGLE ROW MALE VERTICAL HEADER WITH SMT SOLDER TABS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com