Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM133 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM133 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-1-
Version
:A.024
DM133
16-Bit Constant Current LED Drivers
with LED Open/Short Detection
General Description
The DM133 is a constant current driver specifically designed for LED display
applications. The device includes a 16-bit shift register, two latches, and constant
current drivers on a single Silicon CMOS chip. Its built-in open/short detection and
thermal alarm circuits help the user to detect the overheating of the IC and LED
failures. Its user-friendly design allows the user to adjust the output current (5~60mA)
by using an external resistor. The current also can be further tuned by 6-bit serial
shift-in data.
Features
Constant Current Output:
Current with one resistor for 5mA to 60mA
Maximum Clock Frequency:
25MHz (Max.)
Power Supply Voltage:
3.3V to 5.0V
CMOS Compatible Input/Output
Package:
HSOP28, SSOP28, QFN32
Constant Current Matching:
10mA ~ 60mA :
Bit-to-Bit :
± 4.0% (Max)
Chip-to-Chip:
± 10.0% (Max)
5mA ~ 10mA :
Bit-to-Bit :
± 6.0% (Max)
Chip-to-Chip:
± 12.0% (Max)
Maximum Output Voltage:
17V
Thermal Alarm Function:
Error signal output when junction temperature
exceeds limit
LED Open/Short Detection:
Error signal output when LED is failed
6 bit Linear Global Current Adjustment


Similar Part No. - DM133

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
   15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
   15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
   D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DM133

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
ST2221A SITI-ST2221A Datasheet
202Kb / 17P
   5V CMOS Compatible Input
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
   5V CMOS Compatible Input
logo
Fujitsu Component Limit...
MBL82C43 FUJITSU-MBL82C43 Datasheet
447Kb / 11P
   CMOS INPUT/OUTPUT EXPANDER
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
   TTL compatible input and output
logo
Shindengen Electric Mfg...
MTA011 SHINDENGEN-MTA011_17 Datasheet
202Kb / 4P
   TTL/CMOS Compatible Input (High Active)
logo
List of Unclassifed Man...
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1100C ETC1-SM1100C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
   CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com