Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS252C1 Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # PS252C1
Description  Over/Under-voltage protection and lock out
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS252C1 Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  PS252C1 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS252C1 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2-Channel Secondary Monitoring IC
Version
:A.003
PAGE 2
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
PS252C1
Block Diagram
VS12B
136K
4.96K
14.04K
Vref
Vref
12 OV
12 UV
Band-Gap
Reference
Power On
Reset
Clock
Generator
38mS
De-bounce
Constant Current
Source Iref
FPO/
PGI
PGO
RI
GND
POR
Vref
CLK
73uS
De-bounce
H : 300mS
L : 4.5uS
delay
1M
Ω
H : 75mS
L : 4.5uS
delay
1.25V
VCCI
S
Q
R
1M
Ω
H : 4mS
L : 4.5uS
delay
VS12A
12 OV
12 UV
136K
4.96K
14.04K
Vref
Vref
1.2V
Pext
Internal
Power
VCCI = 4V
H : 20mS
L : 4.5uS
delay
IS12A
IIS_SINK
12 OC
VCCI
Step Down
to near 2.5V
IS12B
IIS_SINK
12 OC
VCCI
Step Down
to near 2.5V
1.25V
53uS
delay
VCC
VCC
53uS
delay
22uS
delay
PGI
Selection
PSON/
VCC
30K
Ω
Vref
VCCI
90K
Ω
4.5V
2K
Ω


Similar Part No. - PS252C1

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS252C SITI-PS252C Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
More results

Similar Description - PS252C1

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
PS224 SITI-PS224 Datasheet
143Kb / 12P
   Over/Under-voltage protection and lock out
PS224A1 SITI-PS224A1 Datasheet
137Kb / 10P
   Over/Under-voltage protection and lock out
PS229 SITI-PS229 Datasheet
155Kb / 11P
   Over/Under-voltage protection and lock out
PS222L SITI-PS222L Datasheet
145Kb / 13P
   Over/Under-voltage protection and lock out
PS25A SITI-PS25A Datasheet
161Kb / 11P
   Over/Under-voltage protection and lock out
PS224A SITI-PS224A Datasheet
138Kb / 10P
   Over/Under-voltage protection and lock out
PS224B SITI-PS224B Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS252C SITI-PS252C Datasheet
136Kb / 10P
   Over/Under-voltage protection and lock out
PS224S SITI-PS224S Datasheet
190Kb / 11P
   Over/Under-voltage protection and lock out
PS224C SITI-PS224C Datasheet
159Kb / 11P
   Over/Under-voltage protection and lock out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com