Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMH4042S-BGM Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMH4042S-BGM
Description  Hot Swap??Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4042S-BGM Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMH4042S-BGM Datasheet HTML 1Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 2Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 3Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 4Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 5Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 6Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 7Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4042S-BGM Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
2037 8.0 8/8/00
SMH4042
*COMMENT
Stresses listed under Absolute Maximum Ratings
may cause permanent damage to the device. These
are stress ratings only, and functional operation of
the device at these or any other conditions outside
those listed in the operational sections of this speci-
fication is not implied. Exposure to any absolute
maximum rating for extended periods may affect
device performance and reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Voltage on :
HST_3V_MON, CARD_3V_MON
7V
V
CC, CARD_5V_MON
SGNL_VLD#, HEALTHY# &
7V
LOCAL_PCI_RESET#
VGATE3, VGATE5, DRVREN#
16V
RESET
V
CC +.7V
All Others
V
CC +.7V
Output Short Circuit Current
100mA
Lead Solder Temperature (10 secs)
300°C
Symbol
Parameter
Part no.
Min.
Typ.
Max.
Units
Suffix
VCC
Operating Voltage
See Note 1
1
V
ICC1
Power Supply Current
Operating
500
µA
ICC2
Power Supply Current
Writing
3
mA
VTRIP
VTRIP Threshold Levels
VCC5
A
4.250
4.375
4.50
V
VCC5
B
4.50
4.625
4.75
V
HST_3V_MON
G
2.57
2.65
2.72
V
HST_3V_MON
H
2.72
2.8
2.87
V
HST_3V_MON
K
2.87
2.95
3.0
V
HST_3V_MON
L
3.0
3.1
3.17
V
CARD_5V_MON
M
VCC5 VTRIP
V
+50mV
CARD_5V_MON
N
VCC5 VTRIP
V
-50mV
CARD_3V_MON
M
HST_3V_MON
V
+50mV
CARD_3V_MON
N
HST_3V_MON
V
-50mV
VTRHST
Trip Point Hysteresis
7
mV
ILI
Input Leakage Current
2µA
ILO
Output Leakage Current
10
µA
VIL
Input Low Voltage
-0.1
0.8
V
VIH
Input High Voltage
2
VCC+1V
V
VOL
Output Low Voltage, VCC = 5.0V, IOL = 2.1mA
0.4
V
VOH
Output High Voltage, VCC = 5.0V, IOH = -400µA
2.4
V
VOLRS
LOCAL_PCI_RESET# Output Low Voltage, IOL = 3.2mA
0.4
V
VOHRS
RESET Output High, IOH = -800µA
VCC-.75V
V
VOHVG
VGATE3, VGATE5 Output Voltage, IOH = 20µA
13
14
15
V
VREF
Reference Output Voltage, No Load
0.95
1
1.05
V
VCB
Circuit Breaker Trip Voltage, VCB (VCC-CBI_5) or
40
50
60
mV
VCB =(HST_3V_MON-CBI_3)
DC ELECTRICAL CHARACTERISTICS T
A = -40°C to +85°C
2037 PGM T3.4
Notes:
1. The SMH4042 will drive the reset outputs and voltage control signals to valid levels throughout the operating range of 1V to 5.5V.
The balance of the logic will not be guaranteed operational unless VCC is greater than 2.7V.
2. Refer to the ordering information table for all valid combinations of options.


Similar Part No. - SMH4042S-BGM

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4042A SUMMIT-SMH4042A Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGM SUMMIT-SMH4042AGAGM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAGN SUMMIT-SMH4042AGAGN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHM SUMMIT-SMH4042AGAHM Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
SMH4042AGAHN SUMMIT-SMH4042AGAHN Datasheet
1Mb / 28P
   Distributed Power Hot-Swap Controller for CompactPCI
More results

Similar Description - SMH4042S-BGM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A_15 Datasheet
237Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com