Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1239 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1239
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1239_15 Datasheet HTML 1Page - ON Semiconductor NCP1239_15 Datasheet HTML 2Page - ON Semiconductor NCP1239_15 Datasheet HTML 3Page - ON Semiconductor NCP1239_15 Datasheet HTML 4Page - ON Semiconductor NCP1239_15 Datasheet HTML 5Page - ON Semiconductor NCP1239_15 Datasheet HTML 6Page - ON Semiconductor NCP1239_15 Datasheet HTML 7Page - ON Semiconductor NCP1239_15 Datasheet HTML 8Page - ON Semiconductor NCP1239_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NCP1239
www.onsemi.com
2
Figure 1. Application Schematic (OPP Adjustment)
NCP1239
Vbulk
.
.
OPP
adjsut.
Vout
OVP
1
2
6
45
8
3
NTC
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Fault
The controller enters fault mode if the voltage of this pin is pulled above or below the fault thresholds.
A precise pull up current source allows direct interface with an NTC thermistor. Fault detection
triggers a latch.
2
FB
Hooking an optocoupler collector to this pin will allow regulation.
3
CS
This pin monitors the primary peak current but also offers an overpower compensation adjustment.
When the CS pin is brought above 1.2 V, the part is permanently latched off.
4
GND
The controller ground.
5
DRV
The driver’s output to an external MOSFET gate.
6
VCC
This pin is connected to an external auxiliary voltage. An OVP comparator monitors this pin and
offers a means to latch the converter in fault conditions.
7
NC
Non-connected for improved creepage distance.
8
HV
Connected to the bulk capacitor or rectified ac line, this pin powers the internal current source to
deliver a start-up current. It is also used to provide the brown-out detection and the HV sensing for
the Overpower protection.
Table 2. DEVICE OPTION AND DESIGNATIONS
Device
Frequency
OCP Protection
VCC OVP Protection
Fault Pin
Protection
BO Levels
NCP1239AD65R2G
65 kHz
Latch
Latch
Latch
110/101
NCP1239BD65R2G
65 kHz
Auto-Recovery
Latch
Latch
110/101
NCP1239CD65R2G
65 kHz
Auto-Recovery
Auto-Recovery
Latch
110/101
NCP1239DD65R2G
65 kHz
Auto-Recovery
Latch
Latch
101/95
NCP1239ED65R2G
65 kHz
Auto-Recovery
Auto-Recovery
Auto-Recovery
110/101
NCP1239AD100R2G
100 kHz
Latch
Latch
Latch
110/101
NCP1239BD100R2G
100 kHz
Auto-Recovery
Latch
Latch
110/101


Similar Part No. - NCP1239_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
More results

Similar Description - NCP1239_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com