Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1239AD65R2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1239AD65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239AD65R2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1239AD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1239AD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
NCP1239
www.onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS (continued)
(For typical values TJ = 25°C, for min/max Values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
SUPPLY SECTION
Internal IC Consumption
VFB = 3.2 V, FSW = 100 kHz
and CL = 1 nF
ICC2
3.1
4.0
mA
Internal IC Consumption in Skip Cycle
VCC = 12 V, VFB = 0.775 V
Driving 8 A/650 V MOSFET
ICC(stb)
500
mA
Internal IC Consumption in Fault Mode
Fault or Latch
ICC3
400
mA
Internal IC Consumption before Start-Up
VCC(min) < VCC < VCC(on)
ICC4
310
mA
Internal IC Consumption before Start-Up
VCC < VCC(min)
ICC5
20
mA
DRIVE OUTPUT
Rise Time (10−90%)
VDRV from 10 to 90%
VCC = VCC(off) + 0.2 V,
CL = 1 nF
tR
40
ns
Fall Time (90−10%)
VDRV from 90 to 10%
VCC = VCC(off) + 0.2 V,
CL = 1 nF
tF
30
ns
Source Resistance
ROH
6
W
Sink Resistance
ROL
6
W
Peak Source Current
DRV High State,
VDRV = 0 V (Note 1)
VCC = VCC(off) + 0.2 V,
CL = 1 nF
ISOURCE
500
mA
Peak Sink Current
DRV Low State,
VDRV = VCC (Note 1)
VCC = VCC(off) + 0.2 V,
CL = 1 nF
ISINK
500
mA
High State Voltage
(Low VCC Level)
VCC = 9 V, RDRV = 33 kW
DRV High State
VDRV(low)
8.8
V
High State Voltage
(High VCC Level)
VCC = VCC(OVP) – 0.2 V,
DRV High State and Unloaded
VDRV(clamp)
11.0
13.5
16.0
V
CURRENT COMPARATOR
Input Pull-Up Current
VCS = 0.7 V
IBIAS
1
mA
Maximum Internal Current Setpoint
TJ from −40°C to +125°C
(No OPP)
VLIMIT1
0.752
0.800
0.848
V
Abnormal Over-Current Fault Threshold
TJ = +25 °C (No OPP)
VLIMIT2
1.10
1.20
1.30
V
Default Internal Voltage Set Point for
Frequency Foldback Trip Point
~59% of VLIMIT
VFOLD(CS)
475
mV
Internal Peak Current Setpoint Freeze
~31% of VLIMIT
VFREEZE(CS)
250
mV
Propagation Delay from VLIMIT Detection to
Gate Off-State
DRV Output Unloaded
tDEL
50
100
ns
Leading Edge Blanking Duration
tLEB1
300
ns
Abnormal Over-Current Fault Blanking
Duration for VLIMIT3
tLEB2
120
ns
Number of Clock Cycles before Fault
Confirmation
tCOUNT
4
Internal Soft-Start Duration
Activated upon Start-Up or
Auto-Recovery
tSS
8
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Guaranteed by design
2. CS pin source current is a sum of IBIAS and IOPP, thus at VHV = 125 V is observed the IBIAS only, because IOPC is switched off.


Similar Part No. - NCP1239AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239AD65R2G ONSEMI-NCP1239AD65R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239AD65R2G ONSEMI-NCP1239AD65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239AD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com