Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1200D100R2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1200D100R2G
Description  PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1200D100R2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1200D100R2G Datasheet HTML 4Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 5Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 6Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 7Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 8Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 9Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 10Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 11Page - ON Semiconductor NCP1200D100R2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCP1200
www.onsemi.com
8
3. Permanently force the VCC level above VCCH with
an auxiliary winding. It will automatically
disconnect the internal startup source and the IC
will be fully self−supplied from this winding.
Again, the total power drawn from the mains will
significantly decrease. Make sure the auxiliary
voltage never exceeds the 16 V limit.
Skipping Cycle Mode
The NCP1200 automatically skips switching cycles when
the output power demand drops below a given level. This is
accomplished by monitoring the FB pin. In normal
operation, pin 2 imposes a peak current accordingly to the
load value. If the load demand decreases, the internal loop
asks for less peak current. When this setpoint reaches a
determined level, the IC prevents the current from
decreasing further down and starts to blank the output
pulses: the IC enters the so−called skip cycle mode, also
named controlled burst operation. The power transfer now
depends upon the width of the pulse bunches (Figure 18 ).
Suppose we have the following component values:
Lp, primary inductance = 1 mH
FSW, switching frequency = 48 kHz
Ip skip = 300 mA (or 350 mV / Rsense)
The theoretical power transfer is therefore:
1
2 @
Lp @ Ip2 @ Fsw + 2.2 W
If this IC enters skip cycle mode with a bunch length of
10 ms over a recurrent period of 100 ms, then the total power
transfer is: 2.2 . 0.1 = 220 mW.
To better understand how this skip cycle mode takes place,
a look at the operation mode versus the FB level
immediately gives the necessary insight:
1.4 V
4.8 V
FB
Normal Current Mode Operation
Skip Cycle Operation
Ipmin = 350 mV / Rsense
Figure 17. Feedback Voltage Variations
3.8 V
When FB is above the skip cycle threshold (1.4 V by
default), the peak current cannot exceed 1 V/Rsense. When
the IC enters the skip cycle mode, the peak current cannot go
below Vpin1 / 4 (Figure 19). The user still has the flexibility
to alter this 1.4 V by either shunting pin 1 to ground through
a resistor or raising it through a resistor up to the desired
level.
Figure 18. Output pulses at various power levels
(X = 5 ms/div) P1<P2<P3
P1
P2
P3
Figure 19. The skip cycle takes place at low peak
currents which guarantees noise free operation
Max Peak
Current
Skip Cycle
Current Limit


Similar Part No. - NCP1200D100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
225Kb / 16P
   PWM Current?묺ode Controller for Low?뭁ower Universal Off?묹ine Supplies
September, 2006 ??Rev. 15
NCP1200D100R2G ONSEMI-NCP1200D100R2G Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
More results

Similar Description - NCP1200D100R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1200 ONSEMI-NCP1200 Datasheet
151Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2004 ??Rev. 13
NCP1200 ONSEMI-NCP1200_V01 Datasheet
432Kb / 18P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
April, 2015 - Rev. 19
NCP1200 ONSEMI-NCP1200_09 Datasheet
359Kb / 16P
   PWM Current-Mode Controller for Low-Power Universal Off-Line Supplies
December, 2009 ??Rev. 17
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
NCP1216 ONSEMI-NCP1216_10 Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1216AP100G ONSEMI-NCP1216AP100G Datasheet
276Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com