Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1239DD65R2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1239DD65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239DD65R2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1239DD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1239DD65R2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NCP1239
www.onsemi.com
6
Table 4. ELECTRICAL CHARACTERISTICS (continued)
(For typical values TJ = 25°C, for min/max Values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
INTERNAL OSCILLATOR
Oscillation Frequency
(65-kHz Version)
fOSC
60
65
70
kHz
Oscillation Frequency
(100-kHz Version)
fOSC
92
100
108
kHz
Maximum Duty-Cycle
DMAX
76
80
84
%
Frequency Jittering
In Percentage of fOSC – Jitter is
Kept even in Foldback Mode
fJITTER
±5
%
Swing Frequency
fSWING
240
Hz
FEEDBACK SECTION
Equivalent AC Resistor from FB to GND
(Note 1)
REQ
25
k
W
Internal Pull-Up Voltage on FB Pin
FB open
VFB(ref)
4.1
4.3
V
VFB to Current Setpoint Division Ratio
KFB
4
Feedback Voltage below which the Peak
Current is Frozen
VFREEZE
1.0
V
FREQUENCY FOLDBACK
Frequency Foldback Level on FB Pin
≈ 59% of Maximum Peak
Current
VFOLD
1.90
V
Transition Frequency below which Skip-Cycle
Occurs
VFB =VSKIP + 0.5 V
fTRANS
22
26
30
kHz
End of Frequency Foldback Feedback Level
fSW = fMIN
VFOLD(end)
1.50
V
Skip-Cycle Level Voltage on FB Pin
VSKIP
0.80
V
Hysteresis on the Skip Comparator
(Note 1)
VSKIP(hyst)
30
mV
INTERNAL RAMP COMPENSATION
Compensation Ramp Slope
FSW = 65 kHz, RUP = 30 kW
FSW = 100 kHz, RUP = 30 kW
S65
S100
−29
−45
mV/
ms
OVERPOWER COMPENSATION (OPP)
VHV to IOPP Conversion Ratio
KOPP
0.54
mA/V
Current Flowing Out of CS Pin
(Note 2)
VHV = 125 V
VHV = 162 V
VHV = 328 V
VHV = 365 V
IOPP(125)
IOPP(162)
IOPP(328)
IOPP(365)
105
0
20
110
130
150
mA
Percentage of Applied OPP Current
VFB < VFOLD
IOPP1
0
%
Percentage of Applied OPP Current
VFB > VFOLD + 0.7 V (VOPP)
IOPP2
100
%
Clamped OPP Current
VHV > 365 V
IOPP3
105
130
150
mA
Watchdog Timer for DC Operation
tWD(OPP)
32
ms
BROWN-OUT (BO)
Brown-Out Thresholds (A, B, C & E versions)
VHV Increasing
VBO(on)
100
110
120
V
Brown-Out Thresholds (A, B, C & E versions)
VHV Decreasing
VBO(off)
93
101
109
V
Brown-Out Thresholds (D version only)
VHV Increasing
VBO(on)
92
101
110
V
Brown-Out Thresholds (D version only)
VHV Decreasing
VBO(off)
87
95
103
V
Timer Duration
VHV Decreasing
tBO
54
68
82
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Guaranteed by design
2. CS pin source current is a sum of IBIAS and IOPP, thus at VHV = 125 V is observed the IBIAS only, because IOPC is switched off.


Similar Part No. - NCP1239DD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239DD65R2G ONSEMI-NCP1239DD65R2G Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239DD65R2G ONSEMI-NCP1239DD65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239DD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_16 Datasheet
243Kb / 26P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
September, 2016 ??Rev. 12
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com