Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1252BDR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP1252BDR2G
Description  Current Mode PWM Controller for Forward and Flyback Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1252BDR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1252BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 9Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 10Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 11Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 12Page - ON Semiconductor NCP1252BDR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCP1252
www.onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 20. Maximum Duty−cycle, C Version vs.
Junction Temperature
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
0
2
4
6
8
10
12
14
TEMPERATURE (
°C)
SUPPLY VOLTAGE Vcc (V)
100
80
60
40
20
0
−20
−40
10
12
14
16
20
30
25
20
15
10
10
12
14
16
18
20
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
0
0.1
0.2
0.4
0.5
0.7
0.9
1.0
120
ROH
ROL
120
18
0.3
0.6
0.8
120
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
44.0
44.5
45.0
45.5
46.0
47.0
120
46.5
Figure 21. Maximum Duty−cycle, D Version vs.
Junction Temperature
Figure 22. Drive Sink and Source Resistances
vs. Junction Temperature
Figure 23. Drive Clamping Voltage vs.
Junction Temperature
Figure 24. Drive Clamping Voltage vs. Supply
Voltage
Figure 25. Skip Cycle Threshold vs. Junction
Temperature
TEMPERATURE (
°C)
100
80
60
40
20
0
−20
−40
61
62
63
64
65
67
68
69
120
66


Similar Part No. - NCP1252BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
259Kb / 17P
   Flyback Applications
April, 2009 ??Rev. 1
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
NCP1252BDR2G ONSEMI-NCP1252BDR2G Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
More results

Similar Description - NCP1252BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1252 ONSEMI-NCP1252_V01 Datasheet
377Kb / 22P
   Current Mode PWM Controller for Forward and Flyback Applications
April, 2019 - Rev. 8
NCP1252CDR2G ONSEMI-NCP1252CDR2G Datasheet
240Kb / 18P
   Current Mode PWM Controller for Forward and Flyback Applications
July, 2011 ??Rev. 4
NCP1212 ONSEMI-NCP1212_05 Datasheet
208Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
September, 2005 ??Rev. 3
NCP1212 ONSEMI-NCP1212 Datasheet
200Kb / 22P
   Current Mode PWM Controller for Both Forward and Flyback Converters
October, 2004 ??Rev. 2
NCP1294 ONSEMI-NCP1294 Datasheet
233Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
NCP1294 ONSEMI-NCP1294_V01 Datasheet
314Kb / 14P
   Flyback, Boost, Forward PWM Controller
August, 2021 - Rev. 1
NCP1294EDR2G ONSEMI-NCP1294EDR2G Datasheet
210Kb / 13P
   Flyback, Boost, Forward PWM Controller
July, 2009 ??Rev. 0
logo
Monolithic Power System...
EV3910-K-00A MPS-EV3910-K-00A Datasheet
449Kb / 9P
   Peak Current Mode PWM Controller Flyback EV Board
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com