Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1339JDR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1339JDR2G
Description  High-Voltage, QuasiResonant Controller featuring Valley Lock-Out and Power Saving Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1339JDR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1339JDR2G Datasheet HTML 2Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 3Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 4Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 5Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 6Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 7Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 8Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 9Page - ON Semiconductor NCP1339JDR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
NCP1339
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (VCC = 12 V, VHV = 120 V, VFault = open, VFB = 3 V, VCS = 0 V, VZCD = 0 V, CVCC = 100 nF ,
CDRV = 1 nF, for typical values TJ = 25°C, for min/max values, TJ is – 40°C to 125°C, unless otherwise noted)
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
STARTUP AND SUPPLY CIRCUITS
Supply Voltage
Startup Threshold
Minimum Operating Voltage
Operating Hysteresis
Transition from Istart1 to Istart2
dV/dt = 0.1 V/ms
VCC increasing
VCC decreasing
VCC(on) − VCC(off)
VCC increasing, IHV = 650 mA
VCC(on)
VCC(off)
VCC(inhibit)
14.0
8.0
5.6
0.55
15.0
9.0
1.00
16.0
10.0
1.20
V
Blanking Duration After VCC(off)
VCC above VCC(reset)
tUVLO(blank)
2
15
ms
Startup Delay
Delay from VCC(on) to QR Enable
tdelay(start)
725
ms
Minimum voltage for current source
operation
VHVmin
30
60
V
Current flowing out of Vcc
Vcc = 0 V
IC1
−0.8
−0.5
−0.3
mA
Current flowing out of Vcc pin
Vcc = Vcc(on) – 0.5 V
IC2
−15
−10
−6
mA
Off−state leakage current
VHV = 500 V, Vcc = 15 V, VREM = 0 V
Ileak1
25.5
mA
HV pin leakage current when PSM is active
VHV = 141 V
Ileak2
11
mA
HV pin leakage current when PSM is active
VHV = 325 V
Ileak3
18
mA
Vcc level during a fault
VCC(bias)
4.7
5.5
6.3
V
Supply Current
Before Startup, Fault or Latch
Flyback in Skip
switching at 70 kHz
VCC = VCC(on) – 0.5 V
VFB = 0.35 V
CDRV open
ICC2
ICC3
0.05
0.2
1.0
0.10
0.68
1.6
0.54
1.0
3.0
mA
VCC Overvoltage Protection Threshold
VCC(OVP)
27
28
29.5
V
VCC Overvoltage Protection Delay
tdelay(VCC_OVP)
22.5
30.0
37.5
ms
INPUT FILTER DISCHARGE
X2 timer disable switch threshold voltage
Vth_X2
1.0
1.5
2.0
V
Hysteresis on the X2 pin
Vth_X2_hyst
150
mV
X2 input clamp voltage
V_X2_clamp
4
V
X2 timer duration
X2_timer
50
170
ms
X2 input leakage current
VX2 = 2.5 V
I_X2_leak
0.3
mA
Maximum discharge switch current
VCC = 10V
I_X2_dis
7
10
14
mA
REMOTE INPUT – POWER SAVINGS MODE
Remote pin voltage below which PSM is
deactivated
VREM increasing
V_REM_on
1
1.5
2
V
Remote pin voltage above which PSM is
activated
VREM decreasing
V_REM_off
7.2
8
8.8
V
Remote input leakage current
V_REM = 10 V
I_REM_leak
20
1000
nA
Remote timer duration
REM_timer
50
170
ms
Resistance of the Remote Pin Internal
pull−down Switch
R_SW_REM
1000
3000
W
BROWN OUT DETECTION
Brown−Out Start Level
HV pin voltage increasing
VBO(start)
90
101
110
V
System Shutdown Threshold
HV pin voltage decreasing
VBO(stop)
84
93
104
V
Brown−out Detection Blanking Time
VHV decreasing, delay from
VBO(stop) to drive disable
tBO(stop)
30
100
ms
GATE DRIVE
Rise Time (10−90%)
VDRV from 10 to 90%
tDRV(rise)
40
80
ns


Similar Part No. - NCP1339JDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1339JDR2G ONSEMI-NCP1339JDR2G Datasheet
444Kb / 33P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out and Power Saving Mode
February, 2017 - Rev. 6
More results

Similar Description - NCP1339JDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1339 ONSEMI-NCP1339_V01 Datasheet
444Kb / 33P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out and Power Saving Mode
February, 2017 - Rev. 6
NCP1339 ONSEMI-NCP1339 Datasheet
329Kb / 31P
   High-Voltage, Quasi-Resonant Controller featuring Valley Lock-Out
August, 2015 ??Rev. 3
NCP1340 ONSEMI-NCP1340_17 Datasheet
1Mb / 40P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 7
NCP1340 ONSEMI-NCP1340_V01 Datasheet
1Mb / 43P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
March, 2021 - Rev. 17
NCP1341 ONSEMI-NCP1341_17 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
October, 2017 ??Rev. 4
NCP1341 ONSEMI-NCP1341_V01 Datasheet
1Mb / 42P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
January, 2021 - Rev. 7
NCP1340 ONSEMI-NCP1340_16 Datasheet
1Mb / 39P
   High-Voltage Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1341 ONSEMI-NCP1341 Datasheet
1Mb / 41P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
September, 2016 ??Rev. 0
NCP1340 ONSEMI-NCP1340 Datasheet
1Mb / 32P
   High-Voltage, Quasi-Resonant, Controller Featuring Valley Lock-Out Switching
April, 2016 ??Rev. P1
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
   High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com