Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1399AF Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1399AF
Description  High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1399AF Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1399AF Datasheet HTML 1Page - ON Semiconductor NCP1399AF Datasheet HTML 2Page - ON Semiconductor NCP1399AF Datasheet HTML 3Page - ON Semiconductor NCP1399AF Datasheet HTML 4Page - ON Semiconductor NCP1399AF Datasheet HTML 5Page - ON Semiconductor NCP1399AF Datasheet HTML 6Page - ON Semiconductor NCP1399AF Datasheet HTML 7Page - ON Semiconductor NCP1399AF Datasheet HTML 8Page - ON Semiconductor NCP1399AF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
NCP1399AA, NCP1399BA, NCP1399AC, NCP1399AF
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 12 V unless otherwise noted.)
Symbol
Rating
Pin
Min
Typ
Max
Unit
HV Startup Current Source
VHV_MIN1
Minimum voltage for current source operation
(VCC = VCC_ON −0.5 V, ISTART2 drops to 95 %)
1
60
V
VHV_MIN2
Minimum voltage for current source operation
(VCC = VCC_ON −0.5 V, ISTART2 drops to 5 mA)
1
60
V
ISTART1
Current flowing out of VCC pin (VCC = 0 V)
1, 10
0.2
0.5
0.8
mA
ISTART2
Current flowing out of VCC pin (VCC = VCC_ON −0.5 V)
1, 10
6
9
13
mA
ISTART_OFF
Off−state leakage current (VHV = 500 V, VCC = 15 V)
1
10
mA
IHV_OFF−MODE
HV pin current when off−mode operation is active
(VHV = 400 V)
1
8
mA
Supply Section
VCC_ON
Turn−on threshold level, VCC going up
10
15.3
15.8
16.3
V
VCC_OFF
Minimum operating voltage after turn−on
10
9.0
9.5
10
V
VCC_RESET
VCC level at which the internal logic gets reset
10
5.8
6.6
7.2
V
VCC_INHIBIT
VCC level for ISTART1 to ISTART2 transition
10
0.40
0.80
1.25
V
VCC_ON_BLANK
Delay to generate DRVs pulses after VCC_ON is reached
10
100
125
150
ms
ICC_OFF−MODE
Controller supply current in off−mode,
VCC = VCC_ON − 0.2 V
10, 11
10
27
40
mA
ICC_SKIP−MODE
Controller supply current in skip−mode, VCC = 15 V
10, 11
580
750
900
mA
ICC_LATCH
Controller supply current in latch−off mode,
VCC = VCC_ON − 0.2 V
10, 11
330
490
600
mA
ICC_AUTOREC
Controller supply current in auto−recovery mode,
VCC = VCC_ON − 0.2 V
10, 11
300
490
600
mA
ICC_OPERATION
Controller supply current in normal operation,
fsw = 100 kHz, Cload = 1 nF, VCC = 15 V
10, 11
4.0
5.4
7.0
mA
Bootstrap Section
VBOOT_ON
Startup voltage on the floating section (Note 5)
16, 15
8
9
10
V
VBOOT_OFF
Cutoff voltage on the floating section
16, 15
7.2
8.2
9.0
V
IBOOT1
Upper driver consumption, no DRV pulses
16, 15
30
75
130
mA
IBOOT2
Upper driver consumption, Cload = 1 nF between Pins 13 &
15 fsw = 100 kHz, HB connected to GND
16, 15
1.30
1.65
2.00
mA
HB Discharger
IDISCHARGE1
HB sink current capability VHB = 30 V
15
5
mA
IDISCHARGE2
HB sink current capability VHB = VHB_MIN
15
1
mA
VHB_MIN
HB voltage @ IDISCHARGE changes from 2 to 0 mA
15
10
V
Remote Input – NCP1399By
VREM_ON
Remote pin voltage below which off−mode is deactivated
(VREM going down)
4
1.0
1.5
2.0
V
VREM_OFF
Remote pin voltage above which off−mode is activated
(VREM going up)
4
7.2
8.0
8.8
V
tREM_TIMER
Remote timer duration
4
80
100
120
ms
IREM_LEAK
Remote input leakage current (VREM = 10 V)
4
0.02
1.00
mA
RSW_REM
Internal remote pull down switch resistance (VREM = 8 V)
4
3
7
k
W
2. The NCP1399Ay version has skip adjustable externally.
3. Guaranteed by design.
4. Minimal impedance on P ON/OFF pin is 1 k
W
5. Minimal resistance connected in series with bootstrap diode is 3.3
W


Similar Part No. - NCP1399AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1399AF ONSEMI-NCP1399AF Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP1399AFDR2G ONSEMI-NCP1399AFDR2G Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
NCP1399AFDR2G ONSEMI-NCP1399AFDR2G Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
More results

Similar Description - NCP1399AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com