Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1399AADR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1399AADR2G
Description  High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1399AADR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1399AADR2G Datasheet HTML 2Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 3Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 4Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 5Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 6Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 7Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 8Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 9Page - ON Semiconductor NCP1399AADR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
NCP1399AA, NCP1399BA, NCP1399AC, NCP1399AF
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 12 V unless otherwise noted.)
Symbol
Unit
Max
Typ
Min
Pin
Rating
Remote Control – NCP1399Ay (i.e. Off−mode is Sensed via FB Pin)
VFB_REM_ON
FB pin voltage above which off−mode is deactivated
(VFB going up)
5
1.5
2.0
2.5
V
VFB_REM_OFF
FB pin voltage below which off−mode is activated
(VFB going down)
5
0.36
0.40
0.44
V
IFB_REM_BIAS
Pull−up FB pin bias current during off−mode
5
1.0
2.3
4.0
mA
Driver Outputs
tr
Output voltage rise−time @
CL = 1 nF, 10−90% of output signal
12, 14
20
45
80
ns
tf
Output voltage fall−time @
CL = 1 nF, 10−90% of output signal
12, 14
5
30
50
ns
ROH
Source resistance
12, 14
4
16
32
W
ROL
Sink resistance
12, 14
1
5
11
W
IDRVSOURCE
Output high short circuit pulsed current
VDRV = 0 V, PW ≤ 10 ms
12, 14
0.5
A
IDRVSINK
Output high short circuit pulsed current
VDRV = VCC, PW ≤ 10 ms
12, 14
1
A
IHV_LEAK
Leakage current on high voltage pins to GND
14, 15, 16
5
mA
Dead−time Generation
tDEAD_TIME_MAX
Maximum Dead−time value if no dV/dt falling/rising edge is
received
12, 14
720
800
880
ns
NDT_MAX
Number of DT_MAX events to enters IC into fault
(NCP1399AA, NCP1399BA)
12, 14, 16
8
Number of DT_MAX events to enters IC into fault
(NCP1399AC, NCP1399AF)
12, 14, 16
16
dV/dt Detector
PdV/dt_th
Positive slew rate on VBOOT pin above which automatic
dead−time end is generated
16
10
V/
ms
NdV/dt_th
Negative slew rate on VBOOT pin above which automatic
dead−time end is generated
16
10
V/
ms
PFC MODE Output and P ON/OFF Adjust
VPFC_M_BO
PFC MODE output voltage when VFB < VP ON/OFF
(sink 1 mA current from PFC MODE output)
9
5.75
6.00
6.25
V
VPFC_M_ON
PFC MODE output voltage when VFB > VP ON/OFF
(sink 10 mA current from PFC MODE output)
9
VCC
0.1
V
IPFC_M_LIM
PFC MODE output current limit (VPFC MODE < 2 V)
9
0.7
1.2
1.85
mA
tP ON/OFF_TIMER
Delay to transition PFC MODE from VPFC_M_ON to
VPFC_M_BO after VFB drops below VP ON/OFF
5, 8, 9
9.4
10.9
s
IP ON/OFF
Pull−up current source (Note 4)
8
18
20
22
mA
P ON/OFFHYST
P ON/OFF comparator hysteresis – percentage level of P
ON/OFF pin voltage
5, 8, 9
80
100
120
%
OVP/OTP
VOVP
OVP threshold voltage (VOVP/OTP going up)
7
2.35
2.50
2.65
V
VOTP
OTP threshold voltage (VOVP/OTP going down)
7
0.76
0.80
0.84
V
IOTP
OTP/OVP pin source current for external NTC –
during normal operation
7
90
95
100
mA
2. The NCP1399Ay version has skip adjustable externally.
3. Guaranteed by design.
4. Minimal impedance on P ON/OFF pin is 1 k
W
5. Minimal resistance connected in series with bootstrap diode is 3.3
W


Similar Part No. - NCP1399AADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1399AADR2G ONSEMI-NCP1399AADR2G Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399AADR2G ONSEMI-NCP1399AADR2G Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
NCP1399AADR2G ONSEMI-NCP1399AADR2G Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
More results

Similar Description - NCP1399AADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com