Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1399BADR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1399BADR2G
Description  High Performance Current Mode Resonant Controller with Integrated High- Voltage Drivers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1399BADR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1399BADR2G Datasheet HTML 1Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 2Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 3Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 4Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 5Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 6Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 7Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 8Page - ON Semiconductor NCP1399BADR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 4
1
Publication Order Number:
NCP1399/D
NCP1399AA, NCP1399BA,
NCP1399AC, NCP1399AF
High Performance Current
Mode Resonant Controller
with Integrated High-
Voltage Drivers
The NCP1399 is a high performance current mode controller for half
bridge resonant converters. This controller implements 600 V gate
drivers, simplifying layout and reducing external component count. The
built−in Brown−Out input function eases implementation of the
controller in all applications. In applications where a PFC front stage is
needed, the NCP1399 features a dedicated output to drive the PFC
controller. This feature together with dedicated skip mode technique
further improves light load efficiency of the whole application. The
NCP1399 provides a suite of protection features allowing safe operation
in any application. This includes: overload protection, over−current
protection to prevent hard switching cycles, brown−out detection, open
optocoupler detection, automatic dead−time adjust, overvoltage (OVP)
and overtemperature (OTP) protections.
Features
High−Frequency Operation from 20 kHz up to 750 kHz
Current Mode Control Scheme
Automatic Dead−time with Maximum Dead−time Clamp
Dedicated Startup Sequence for Fast Resonant Tank Stabilization
Skip Mode Operation for Improved Light Load Efficiency
Off−mode Operation for Extremely Low No−load Consumption
Latched or Auto−Recovery Overload Protection
Latched or Auto−Recovery Output Short Circuit Protection
Latched Input for Severe Fault Conditions, e.g. OVP or OTP
Out of Resonance Switching Protection
Open Feedback Loop Protection
Precise Brown−Out Protection
PFC Stage Operation Control According to Load Conditions
Startup Current Source with Extremely Low Leakage Current
Dynamic Self−Supply (DSS) Operation in Off−mode or Fault Modes
Pin to Adjacent Pin / Open Pin Fail Safe
Typical Applications
Adapters and Offline Battery Chargers
Flat Panel Display Power Converters
Computing Power Supplies
Industrial and Medical Power Sources
SOIC−16 NB
(LESS PINS 2 AND 13)
D SUFFIX
CASE 751DU
MARKING DIAGRAM
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
1
16
NCP1399 = Specific Device Code
x
= A or B
y
= A, B, C or F
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
PIN CONNECTIONS
1
16
NCP1399xy
AWLYWWG
VBOOT
MUPPER
HB
MLOWER
GND
VCC
HV
VBULK/PFCFB
SKIP/REM
LLCFB
LLCCS
OVP/OTP
1
3
4
5
6
7
8
16
15
14
12
11
10
9
PFCMODE
PON/OFF
(Top View)


Similar Part No. - NCP1399BADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1399BADR2G ONSEMI-NCP1399BADR2G Datasheet
670Kb / 43P
   High Performance Current Mode Resonant Controller
December, 2015 ??Rev. 2
NCP1399BADR2G ONSEMI-NCP1399BADR2G Datasheet
693Kb / 46P
   High Performance Current Mode Resonant Controller
September, 2017 ??Rev. 13
NCP1399BADR2G ONSEMI-NCP1399BADR2G Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
More results

Similar Description - NCP1399BADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP13994 ONSEMI-NCP13994 Datasheet
866Kb / 45P
   High Performance Current Mode Resonant Controller with Integrated High-Voltage Drivers
July, 2022 - Rev. 0
NCP1399 ONSEMI-NCP1399_V01 Datasheet
710Kb / 46P
   Current Mode Resonant Controller, with Integrated High-Voltage Drivers, High Performance
October, 2019 - Rev. 17
NCP13992 ONSEMI-NCP13992_V01 Datasheet
938Kb / 33P
   Current Mode Resonant Controller with Integrated High-Voltage Drivers, High Performance
February, 2022 - Rev. 12
NCP1398 ONSEMI-NCP1398 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397_15 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1398 ONSEMI-NCP1398_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1398B ONSEMI-NCP1398B_13 Datasheet
636Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
NCP1397 ONSEMI-NCP1397 Datasheet
427Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
October, 2015 ??Rev. 6
NCP1397A ONSEMI-NCP1397A Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
November, 2011 ??Rev. 4
NCP1398B ONSEMI-NCP1398B Datasheet
704Kb / 24P
   High Performance Resonant Mode Controller with Integrated High-Voltage Drivers
January, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com