Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5631 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5631
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5631 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV5631 Datasheet HTML 2Page - Texas Instruments TLV5631 Datasheet HTML 3Page - Texas Instruments TLV5631 Datasheet HTML 4Page - Texas Instruments TLV5631 Datasheet HTML 5Page - Texas Instruments TLV5631 Datasheet HTML 6Page - Texas Instruments TLV5631 Datasheet HTML 7Page - Texas Instruments TLV5631 Datasheet HTML 8Page - Texas Instruments TLV5631 Datasheet HTML 9Page - Texas Instruments TLV5631 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
Fast
Slow
VDD = 5 V,
Vref = 2 V,
Zero Scale
Sinking Current − mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.5
1
1.5
2
Fast
Slow
VDD = 3 V,
Vref = 1 V,
Zero Scale
Sinking Current − mA
4.04
4.05
4.06
4.07
4.08
4.09
4.1
4.11
4.12
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
Fast
Slow
Sourcing Current − mA
VDD = 5 V,
Vref = 2 V,
Full Scale
2.025
2.03
2.035
2.04
2.045
2.05
2.055
2.06
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
−0.05
Fast
Slow
Sourcing Current − mA
VDD = 3 V,
Vref = 1 V,
Full Scale
TLV5630
TLV5631
TLV5632
SLAS269D – MAY 2000 – REVISED MARCH 2004
OUTPUT LOAD REGULATION
OUTPUT LOAD REGULATION
Figure 1.
Figure 2.
OUTPUT LOAD REGULATION
OUTPUT LOAD REGULATION
Figure 3.
Figure 4.
6


Similar Part No. - TLV5631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5631 TI-TLV5631 Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IDW TI-TLV5631IDW Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IDWG4 TI-TLV5631IDWG4 Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IDWR TI-TLV5631IDWR Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IDWRG4 TI-TLV5631IDWRG4 Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
More results

Similar Description - TLV5631

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWR TI-TLV5631IPWR Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5639CDWR TI-TLV5639CDWR Datasheet
675Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C_15 Datasheet
312Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI1-TLV5639C_16 Datasheet
905Kb / 25P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI-TLV5639C Datasheet
242Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com