Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS-UPR Datasheet(PDF) 9 Page - TDK Electronics

Part # CHS-UPR
Description  Humidity Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CHS-UPR Datasheet(HTML) 9 Page - TDK Electronics

Back Button CHS-UPR Datasheet HTML 3Page - TDK Electronics CHS-UPR Datasheet HTML 4Page - TDK Electronics CHS-UPR Datasheet HTML 5Page - TDK Electronics CHS-UPR Datasheet HTML 6Page - TDK Electronics CHS-UPR Datasheet HTML 7Page - TDK Electronics CHS-UPR Datasheet HTML 8Page - TDK Electronics CHS-UPR Datasheet HTML 9Page - TDK Electronics CHS-UPR Datasheet HTML 10Page - TDK Electronics CHS-UPR Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
(9/11)
20160401 / sensor_humidity_chs_en.fm
SENSORS
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Element
CHS-ESS-CA5
FEATURES
A variable resistance humidity sensor with superior water and gas resistance in a small package.
Features a large impedance change in response to humidity changes and exhibits excellent responsiveness and sensitivity.
Guarantees a measurement accuracy of ±5% RH at a humidity of 50 % RH.
The hysteresis of the dry and wet characteristics is suppressed at about 1% RH.
SHAPE & DIMENSIONS
(0.25)
(0.5)
2.54
6.5±0.5
3.7±0.5
Sensor
face
Sensor
face
Tolerance:±0.2mm
Dimensions in mm


Similar Part No. - CHS-UPR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CHS-UGS TDK-CHS-UGS Datasheet
100Kb / 7P
   Humidity Sensor Units
More results

Similar Description - CHS-UPR

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
   Humidity Sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
   Humidity Sensor
Revision: 24-Jun-09
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
   Humidity Sensor
Revision: 10-Oct-03
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA106E ALPS-HSHCAA106E Datasheet
331Kb / 7P
   Humidity Sensor
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
   Humidity Sensor
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
   HUMIDITY SENSOR
logo
Amphenol Corporation
HS30P AMPHENOL-HS30P Datasheet
195Kb / 4P
   Humidity sensor
logo
Humirel
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
   RELATIVE HUMIDITY SENSOR
logo
HOKURIKU ELECTRIC INDUS...
E1321AA HOKURIKU-E1321AA Datasheet
75Kb / 1P
   Relative Humidity Sensor
logo
Innovative Sensor Techn...
MK33 IST-MK33 Datasheet
782Kb / 5P
   Capacitive Humidity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com