Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5631IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5631IPW
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5631IPW Datasheet(HTML) 5 Page - Texas Instruments

  TLV5631IPW Datasheet HTML 1Page - Texas Instruments TLV5631IPW Datasheet HTML 2Page - Texas Instruments TLV5631IPW Datasheet HTML 3Page - Texas Instruments TLV5631IPW Datasheet HTML 4Page - Texas Instruments TLV5631IPW Datasheet HTML 5Page - Texas Instruments TLV5631IPW Datasheet HTML 6Page - Texas Instruments TLV5631IPW Datasheet HTML 7Page - Texas Instruments TLV5631IPW Datasheet HTML 8Page - Texas Instruments TLV5631IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
DIGITAL INPUT TIMING REQUIREMENTS
TLV5630
TLV5631
TLV5632
SLAS269D – MAY 2000 – REVISED MARCH 2004
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference feedthrough
Vref = 2 Vpp at 1 kHz + 2.048 Vdc, See
(3)
84
dB
DIGITAL INPUTS
IIH
High-level digital input
VI = DVDD
1
µA
current
IIL
Low-level digital input
VI = 0 V
1
µA
current
CI
Input capacitance
8
pF
DIGITAL OUTPUT
VOH
High-level digital output RL = 10 kΩ
2.6
V
voltage
VOL
Low-level digital output
RL = 10 kΩ
0.4
V
voltage
Output voltage rise
RL = 10 kΩ, CL = 20 pF, Includes propagation delay
5
10
ns
time
ANALOG OUTPUT DYNAMIC PERFORMANCE
Fast
1
3
Output settling time, full
ts(FS)
RL = 10 kΩ, CL = 100 pF, See
(4)
µs
scale
Slow
3
7
Fast
0.5
1
Output settling time,
ts(CC)
RL = 10 kΩ, CL = 100 pF, See
(5)
µs
code to code
Slow
1
2
Fast
4
10
SR
Slew rate
RL = 10 kΩ, CL = 100 pF, See
(6)
V/µs
Slow
1
3
Glitch energy
See (7)
4
nV-s
Channel crosstalk
10 kHz sine, 4 VPP
90
dB
(3)
Reference feedthrough is measured at the DAC output with an input code = 0x000.
(4)
Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change of
0x080 to 0xFFF and 0xFFF to 0x080, respectively. Assured by design; not tested.
(5)
Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change of one
count. The max time applies to code changes near zero scale or full scale. Assured by design; not tested.
(6)
Slew rate determines the time it takes for a change of the DAC output from 10% to 90% full-scale voltage.
(7)
Code transition: TLV5630 - 0x7FF to 0x800, TLV5631 - 0x7FCto 0x800, TLV5632 - 0x7F0 to 0x800.
PARAMETER
MIN
TYP
MAX
UNIT
tsu(FS-CK)
Setup time, FS low before next negative SCLK edge
8
ns
Setup time, 16th negative edge after FS low on which bit D0 is sampled before rising edge
tsu(C16-FS)
10
ns
of FS. µC mode only
tsu(FS-C17)
µC mode, setup time, FS high before 17th positive SCLK.
10
ns
tsu(CK-FS)
DSP mode, setup time, SLCK low before FS low.
5
ns
twL(LDAC)
LDAC duration low
10
ns
tsu(FS-CK)
Setup time, FS low before first negative SCLK edge
8
ns
twL
SCLK pulse duration low
16
tsu(D)
Setup time, data ready before SCLK falling edge
8
ns
th(D)
Hold time, data held valid after SCLK falling edge
5
ns
twH(FS)
FS duration high
10
ns
twL(FS)
FS duration low
10
ns
See AC
ts
Settling time
specs
5


Similar Part No. - TLV5631IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5631IPW TI-TLV5631IPW Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWG4 TI-TLV5631IPWG4 Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWR TI-TLV5631IPWR Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWRG4 TI-TLV5631IPWRG4 Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
More results

Similar Description - TLV5631IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631IPWR TI-TLV5631IPWR Datasheet
882Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5639CDWR TI-TLV5639CDWR Datasheet
675Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C_15 Datasheet
312Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633C TI-TLV5633C Datasheet
277Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5633 TI1-TLV5633 Datasheet
361Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI1-TLV5639C_16 Datasheet
905Kb / 25P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5639C TI-TLV5639C Datasheet
242Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com