Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC23PS4-C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC23PS4-C
Description  Used to strap coaxial and telephone cable to strand
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS4-C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC23PS4-C Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS4-C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
25
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Construction Hardware
Hangers, Brackets, Hooks
Fiber Optic Rack Hanger
Secures F.O. storage devices (snow shoes) to strand.
For 1/4” - 7/16” strand.
Aluminum bracket.
Steel ASTM B695 clamp plates.
Dead-End Bracket
Dead-end bracket used to apply tension to steel strand building riser and to provide a
means to dead-end a guy strand.
Mechanically galvanized ASTM B695.
1,000 lb. load capacity.
Drive Hooks
Used to support bail-type drop wire clamps to poles.
Galvanized to ASTM A153 or B695.
Fetter drive threads.
Part Number
Description
Inner
Pack
Outer
Pack
29-19945
Fiber Optic Rack Hanger
--
25
Part Number
Description
Inner
Pack
Outer
Pack
SC44-1
5/16" Diameter Hook with 2-3/4" Tension Adjustment
--
25
Part Number
Description
Inner
Pack
Outer
Pack
40-43007
7/16" Diameter x 4-3/4" Long
--
100
40-43008
5/16" Diameter x 3-1/2" Long
--
200
Square Washer
Supports bolt head or nut of machine bolt.
Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
28-03004
5/8" Bolt Size x 2-1/4" Square x 3/16" Thickness
--
100
Construction
Hardware


Similar Part No. - SC23PS4-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC23-11 ETC-SC23-11 Datasheet
769Kb / 6P
   57 MM SINGLE DIGIT NUMERIC DISPLA
logo
Kingbright Corporation
SC23-11EWA KINGBRIGHT-SC23-11EWA Datasheet
236Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11SRWA KINGBRIGHT-SC23-11SRWA Datasheet
234Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
SC23-11YWA KINGBRIGHT-SC23-11YWA Datasheet
236Kb / 5P
   56.9mm (2.3INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
List of Unclassifed Man...
SC23-12 ETC-SC23-12 Datasheet
769Kb / 6P
   57 MM SINGLE DIGIT NUMERIC DISPLA
More results

Similar Description - SC23PS4-C

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
69127-1170 MOLEX11-69127-1170 Datasheet
59Kb / 1P
   This sensor is used to detect cable insertion and trigger termination
logo
Hirose Electric
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
API Technologies Corp
6707 APITECH-6707 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6706 APITECH-6706 Datasheet
145Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6806 APITECH-6806 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6808 APITECH-6808 Datasheet
213Kb / 4P
   DC TO 2, 4 AND 8 GHz, COAXIAL
6708 APITECH-6708 Datasheet
175Kb / 3P
   DC TO 2, 4 AND 8 GHz, COAXIAL
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
   Waveguide to Coaxial Adapter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com