Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60403DBV Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS60403DBV
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBV Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60403DBV Datasheet HTML 2Page - Texas Instruments TPS60403DBV Datasheet HTML 3Page - Texas Instruments TPS60403DBV Datasheet HTML 4Page - Texas Instruments TPS60403DBV Datasheet HTML 5Page - Texas Instruments TPS60403DBV Datasheet HTML 6Page - Texas Instruments TPS60403DBV Datasheet HTML 7Page - Texas Instruments TPS60403DBV Datasheet HTML 8Page - Texas Instruments TPS60403DBV Datasheet HTML 9Page - Texas Instruments TPS60403DBV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
SLVS324 – JULY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Input voltage range, VI
1.8
5.25
V
Output current range at OUT, IO
60
mA
Input capacitor, CI
0
C(fly)
µF
Flying capacitor, C(fly)
1
µF
Output capacitor, CO
1
100
µF
Operating junction temperature, TJ
–40
125
°C
electrical characteristics at CI = C(fly) = CO (according to Table 1), TC = –40°C to 85°C, VI = 5 V over
recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
Supply voltage range
At TC = –40°C to 85°C, RL = 5 kΩ
1.8
5.25
V
VI
Supply voltage range
At TC ≥ 0°C,
RL = 5 kΩ
1.6
V
IO
Maximum output current at VO
60
mA
VO
Output voltage
–VI
V
TPS60400
C(fly) = 1 µF, CO = 2.2 µF
35
V
Output voltage ripple
TPS60401
I5 mA
C(fly) = CO = 10 µF
20
mV
VP–P
Output voltage ripple
TPS60402
IO = 5 mA
C(fly) = CO = 3.3 µF
20
mVP–P
TPS60403
C(fly) = CO = 1 µF
15
TPS60400
125
270
TPS60401
At V
5 V
65
190
A
TPS60402
At VI = 5 V
120
270
µA
I
Quiescent current (no-load input
TPS60403
425
700
IQ
Quiescent current (no-load in ut
current)
TPS60400
210
TPS60401
At T
≤ 60°C
V5 V
135
A
TPS60402
At T
≤ 60°C,
VI = 5 V
210
µA
TPS60403
640
TPS60400
VCO version
30
50–250
350
fOSC
Internal switching frequency
TPS60401
13
20
28
kHz
fOSC
Internal switching frequency
TPS60402
30
50
70
kHz
TPS60403
150
250
300
TPS60400
CI = C(fly) = CO = 1 µF
12
15
Impedance at 25
°CVI =5V
TPS60401
CI = C(fly) = CO = 10 µF
12
15
Impedance at 25
°C, VI = 5 V
TPS60402
CI = C(fly) = CO = 3.3 µF
12
15
TPS60403
CI = C(fly) = CO = 1 µF
12
15


Similar Part No. - TPS60403DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60403DBVR TI1-TPS60403DBVR Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403DBVRG4 TI1-TPS60403DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403DBVT TI1-TPS60403DBVT Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
TPS60403DBVT TI1-TPS60403DBVT Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60403DBVTG4 TI1-TPS60403DBVTG4 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
More results

Similar Description - TPS60403DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60400-Q1 TI-TPS60400-Q1 Datasheet
576Kb / 25P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI1-TPS60400_12 Datasheet
1Mb / 28P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400-Q1 TI1-TPS60400-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
TPS60400 TI-TPS60400_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6040x Unregulated 60-mA Charge Pump Voltage Inverter
logo
Torex Semiconductor
XC6351A TOREX-XC6351A_2 Datasheet
531Kb / 9P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_1 Datasheet
502Kb / 7P
   Charge Pump Voltage Inverter IC
XC6351A TOREX-XC6351A_15 Datasheet
353Kb / 9P
   Charge Pump Voltage Inverter IC
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
logo
Torex Semiconductor
XC6351A TOREX-XC6351A Datasheet
159Kb / 6P
   CHARGE PUMP VOLTAGE INVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com