Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5500FE009U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5500FE009U1000
Description  Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper conductors with polyolefin insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5500FE009U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5500FE009U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5500FE009U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5500FE009U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Max. Recommended Pulling Tension:
105.422 N
Min. Bend Radius/Minor Axis:
31.750 mm
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CMR
NEC Articles:
800
CEC/C(UL) Specification:
CMG
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1666 Vertical Shaft
C(UL) Flame Test:
FT4
Suitability
Suitability - Indoor:
Yes
Plenum/Non-Plenum
Plenum Number:
6500FE
Surface Printing (Overall)
Electrical Characteristics (Overall)
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
113.195
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
203.422
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
52.8241
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
52.8241
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Description
Current
10C Temperature Rise 2.8 Amps per conductor @ 25°C ambient
Put Ups and Colors:
Page 2 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
5500FE Multi-Conductor - Commercial Audio Systems - 2 Conductors Cabled


Similar Part No. - 5500FE009U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5500FE BELDEN-5500FE Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-0081000 BELDEN-5500FE-0081000 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008500 BELDEN-5500FE-008500 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008U1000 BELDEN-5500FE-008U1000 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
5500FE-008U500 BELDEN-5500FE-008U500 Datasheet
195Kb / 2P
   Security & Sound, 2 Conductor 22 AWG, BC, Shielded, CMR
04-13-2023
More results

Similar Description - 5500FE009U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5541UE ETC2-5541UE Datasheet
99Kb / 3P
   Security & Alarm Cable, Riser-CMR, 2-22 AWG stranded bare copper pairs with polyolefin insulation
5341FE ETC2-5341FE Datasheet
96Kb / 2P
   Security & Alarm Cable, Riser-CMR, 2-18 AWG stranded bare copper pairs with polyolefin insulation
7922A ETC2-7922A Datasheet
111Kb / 4P
   22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7960A ETC2-7960A Datasheet
122Kb / 3P
   22 AWG Symmetric quad solid bare copper conductors, polyolefin insulation
1592A ETC2-1592A Datasheet
109Kb / 4P
   24 AWG Stranded (7x32) Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
1305A ETC2-1305A Datasheet
93Kb / 4P
   24 AWG Bonded-Pairs stranded (7x32) bare copper conductors, polyolefin insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
7930A ETC2-7930A Datasheet
108Kb / 4P
   24 AWG stranded (7x32) bare copper conductors, twisted pairs, polyolefin insulation
7962A ETC2-7962A Datasheet
122Kb / 3P
   22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
7961A ETC2-7961A Datasheet
122Kb / 3P
   22 AWG Symmetric quad stranded tinned copper conductors, polyolefin insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com