Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37736M4LXXXHP Datasheet(PDF) 11 Page - Mitsubishi Electric Semiconductor

Part # M37736M4LXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37736M4LXXXHP Datasheet(HTML) 11 Page - Mitsubishi Electric Semiconductor

Back Button M37736M4LXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M37736M4LXXXHP Datasheet HTML 15Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
MITSUBISHI MICROCOMPUTERS
M37736M4LXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
11
V
VCC = 5 V, IOH = –10 mA
VCC = 3 V, IOH = –1 mA
VCC = 5 V, IOH = –400 µA
VCC = 5 V, IOH = –10 mA
VCC = 5 V, IOH = –400 µA
VCC = 3 V, IOH = –1 mA
VCC = 5 V, IOH = –10 mA
VCC = 5 V, IOH = –400 µA
VCC = 3 V, IOH = –1 mA
VCC = 5 V, IOL = 10 mA
VCC = 3 V, IOL = 1 mA
VCC = 5 V, IOL = 16 mA
VCC = 3 V, IOL = 10 mA
VCC = 5 V, IOL = 2 mA
VCC = 5 V, IOL = 10 mA
VCC = 5 V, IOL = 2 mA
VCC = 3 V, IOL = 1 mA
VCC = 5 V, IOL = 10 mA
VCC = 5 V, IOL = 2 mA
VCC = 3 V, IOL = 1 mA
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
VCC = 5 V, VI = 5 V
VCC = 3 V, VI = 3 V
VCC = 5 V, VI = 0 V
VCC = 3 V, VI = 0 V
VI = 0 V,
without a pull-up
transistor
VI = 0 V,
with a pull-up
transistor
When clock is stopped.
Unit
ELECTRICAL CHARACTERISTICS (Vcc = 5 V, Vss = 0 V, Ta = –40 to +85 °C, f(XIN) = 12 MHz, unless otherwise noted)
Symbol
Parameter
Test conditions
3
2.5
4.7
V
VOH
VOH
–0.5
–0.18
VOH
3.1
4.8
2.6
3.4
4.8
2.6
VOH
VOL
V
V
V
V
2
0.5
1.8
1.5
V
VOL
0.45
1.9
0.43
0.4
1.6
0.4
0.4
V
V
V
0.4
0.1
0.2
0.1
0.1
0.06
0.1
0.06
1
0.7
0.5
0.4
0.4
0.26
0.4
0.26
VCC = 5 V
VCC = 3 V
VCC = 5 V
VCC = 3 V
–5
–4
–1.0
–0.35
V
V
V
V
µA
µA
µA
mA
VOL
VOL
VOL
VT+ – VT–
VT+ – VT–
VT+ – VT–
VT+ – VT–
IIH
IIL
IIL
VRAM
RAM hold voltage
Limits
Min.
Typ.
Max.
High-level output voltage P00 – P07, P10 – P17, P20 – P27, P33,
P40 – P47, P50 – P57, P60 – P67, P70 – P77,
P80 – P87, P90 – P97, P100 – P107
High-level output voltage P00 – P07, P10 – P17, P20 – P27, P33
High-level output voltage P30 – P32
_
High-level output voltage E
Low-level output voltage P00 – P07, P10 – P17, P20 – P27, P33,
P40 – P43, P50 – P57, P60 – P67, P70 – P77,
P80 – P87, P90 – P97, P104 – P107
Low-level output voltage P44 – P47, P100 – P103
Low-level output voltage P00 – P07, P10 – P17, P20 – P27, P33
Low-level output voltage P30 – P32
_
Low-level output voltage E
____ ___
Hysteresis HOLD, RDY, TA0IN – TA4IN, TB0IN – TB2IN,
___
___ ____
____
____
____
INT0
INT2, ADTRG, CTS0, CTS1, CTS2, CLK0,
__
__
CLK1, CLK2, KI0 KI3
_____
Hysteresis RESET
Hysteresis XIN
Hysteresis XCIN (When external clock is input)
High-level input current P00 – P07, P10 – P17, P20 – P27, P30 – P33,
P40 – P47, P50 – P57, P60 – P67, P70 – P77,
_____
P80 – P87, P90 – P92, P100 – P107, XIN, RESET,
CNVss, BYTE, BSEL
Low-level input current P00 – P07, P10 – P17, P20 – P27, P30 – P33,
P40 – P47, P50 – P53, P60, P61, P65 – P67,
P70 – P77, P80 – P87, P90 – P92, P100 – P103,
_____
XIN, RESET, CNVss, BYTE, BSEL
Low-level input current P62 – P64, P104 – P107
5
–5
4
–4
–0.25
–0.08
2


Similar Part No. - M37736M4LXXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37736M4BXXXGP MITSUBISHI-M37736M4BXXXGP Datasheet
374Kb / 32P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37736M4LXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com