Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27PC256-2FME Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27PC256-2FME
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC256-2FME Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27PC256-2FME Datasheet HTML 4Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 5Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 6Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 7Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 8Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 9Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 10Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 11Page - Texas Instruments TMS27PC256-2FME Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TMS27C256 32768 BY 8-BIT UV ERASABLE
TMS27PC256 32768 BY 8-BIT
PROGRAMMABLE READ-ONLY MEMORIES
SMLS256H– SEPTEMBER 1984 – REVISED NOVEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
switching characteristics over recommended range of operating conditions
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C256-10
’27PC256-10
’27C256-12
’27PC256-12
’27C256-15
’27PC256-15
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from address
100
120
150
ns
ta(E)
Access time from chip enable
100
120
150
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74 TTL Load
55
55
75
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
45
0
45
0
60
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
f
0
0
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C256-17
’27PC256-17
’27C256-20
’27PC256-20
’27C256-25
’27PC256-25
UNIT
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
MIN
MAX
ta(A)
Access time from address
170
200
250
ns
ta(E)
Access time from chip enable
170
200
250
ns
ten(G) Output enable time from G
CL = 100 pF,
1 Series 74 TTL Load
75
75
100
ns
tdis
Output disable time from G or E, whichever
occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
0
60
0
60
ns
tv(A)
Output data valid time after change of
address, E, or G, whichever occurs first†
f
0
0
0
ns
† Value calculated from 0.5 V delta to measured level. This parameter is only sampled and not 100% tested.
NOTES:
3. For all switching characteristics the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low) (see Figure 2).
4. Common test conditions apply for the tdis except during programming.
switching characteristics for programming: VCC = 6.50 V and VPP = 13 V (SNAP! Pulse), TA = 25°C
(see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Output disable time from G
0
130
ns
ten(G)
Output enable time from G
150
ns
NOTE 3: For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low).
timing requirements for programming
MIN
NOM
MAX
UNIT
th(A)
Hold time, address
0
µs
th(D)
Hold time, data
2
µs
tw(IPGM)
Pulse duration, initial program
95
100
105
µs
tsu(A)
Setup time, address
2
µs
tsu(G)
Setup time, G
2
µs
tsu(E)
Setup time, E
2
µs
tsu(D)
Setup time, data
2
µs
tsu(VPP)
Setup time, VPP
2
µs
tsu(VCC)
Setup time, VCC
2
µs


Similar Part No. - TMS27PC256-2FME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC256-2FME TI-TMS27PC256-2FME Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
More results

Similar Description - TMS27PC256-2FME

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-2JL TI-TMS27C256-2JL Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27C256-120JL TI-TMS27C256-120JL Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS2716 TI-TMS2716 Datasheet
398Kb / 5P
[Old version datasheet]   2048-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS2708 TI-TMS2708 Datasheet
551Kb / 7P
[Old version datasheet]   1024-WORD BY 8-BIT ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512 TI-TMS27C512 Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-20NL TI1-TMS27PC512-20NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27PC512-15NL TI-TMS27PC512-15NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Hitachi Semiconductor
HN27C256G HITACHI-HN27C256G Datasheet
437Kb / 6P
   32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM
logo
Texas Instruments
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com