Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1971 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SK1971
Description  Fast Switching Speed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1971 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1971 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1971 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1971
·ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 10mA
500
V
V(BR)GSS
Gate-Source Breakdown Voltage
VDS= 0; IG= 100μA
±20
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=1mA
2
3
V
VDF
Body to drain diode forward voltage
IF = 35A, VGS = 0
1.1
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 18A
0.19
0.23
Ω
IGSS
Gate-Body Leakage Current
VGS= ±25V;VDS= 0
±10
µA
IDSS
Zero Gate Voltage Drain Current
VDS= 400V; VGS= 0
250
µA
Ciss
Input capacitance
VDS=10V;VGS=0V;
fT=1MHz
4320
pF
Crss
Reverse transfer capacitance
130
Coss
Output capacitance
1120
tr
Rise time
VGS=10V;ID=5A;
VDD=200V;
RL=6Ω
170
ns
ton
Turn-on time
50
tf
Fall time
130
toff
Turn-off time
320
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1971

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1971 HITACHI-2SK1971 Datasheet
49Kb / 10P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1971 RENESAS-2SK1971 Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
2SK1971-E RENESAS-2SK1971-E Datasheet
83Kb / 7P
   Silicon N Channel MOS FET
More results

Similar Description - 2SK1971

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B Datasheet
96Kb / 5P
   Fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com