Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9731060100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9731060100
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9731060100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9731060100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9731060100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9731060100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
24 AWG stranded (7x32) TC conductors, Datalene® insulation, twisted pairs, individually shielded
w/Beldfoil® (100% coverage), 24 AWG stranded TC drain wire, overall PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (mm)
6
24
7x32
TC - Tinned Copper 0.6096
Total Number of Conductors:
12
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Wall Thickness (mm)
Datalene®
FPE - Foam Polyethylene 0.483
Inner Shield
Inner Shield Material:
Inner Shield Trade Name Type Inner Shield Material
Coverage (%)
Beldfoil® (Z-Fold®)
Tape Aluminum Foil-Polyester Tape 100
Inner Shield Drain Wire AWG:
AWG
24
Inner Shield Drain Wire Stranding:
7x32
Inner Shield Drain Wire Conductor Material:
TC - Tinned Copper
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
Nom. Wall Thickness (mm)
PVC - Polyvinyl Chloride 1.219
Overall Cable
Overall Nominal Diameter:
10.693 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Red
2
Black & White
3
Black & Green
4
Black & Blue
5
Black & Yellow
6
Black & Brown
Pair Lay Length & Direction:
Lay Length (mm) Twists (twist/m)
43.18
22.475
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +80°C
Page 1 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9731 Multi-Conductor - Multi-Pair Snake Cable


Similar Part No. - 9731060100

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
973100385 WURTH-973100385 Datasheet
114Kb / 2P
   WA-SNTI Plastic Spacer Stud
001.001
logo
Belden Inc.
973105Z BELDEN-973105Z Datasheet
161Kb / 2P
   RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, BBA,LSZH-TS Jkt, CMG, PLTC, Sun Res
05-05-2023
973105Z.0105000 BELDEN-973105Z.0105000 Datasheet
161Kb / 2P
   RS-485, 1 Pr, 22AWG, Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, BBA,LSZH-TS Jkt, CMG, PLTC, Sun Res
05-05-2023
973107Z BELDEN-973107Z Datasheet
173Kb / 2P
   RS485, 2 Pr #22 Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, CMG
05-05-2023
973107Z.0105000 BELDEN-973107Z.0105000 Datasheet
173Kb / 2P
   RS485, 2 Pr #22 Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, CMG
05-05-2023
More results

Similar Description - 9731060100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8105 ETC2-8105 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347497 ETC2-1347497 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1748352 ETC2-1748352 Datasheet
103Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
8103 ETC2-8103 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
29471 ETC2-29471 Datasheet
30Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344571 ETC2-1344571 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1344926 ETC2-1344926 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347871 ETC2-1347871 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1347816 ETC2-1347816 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1346359 ETC2-1346359 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
1351274 ETC2-1351274 Datasheet
100Kb / 3P
   24 AWG stranded (7x32) TC conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com