Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117T33A Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1117T33A
Description  1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1117T33A Datasheet(HTML) 9 Page - Anachip Corp

Back Button AP1117T33A Datasheet HTML 3Page - Anachip Corp AP1117T33A Datasheet HTML 4Page - Anachip Corp AP1117T33A Datasheet HTML 5Page - Anachip Corp AP1117T33A Datasheet HTML 6Page - Anachip Corp AP1117T33A Datasheet HTML 7Page - Anachip Corp AP1117T33A Datasheet HTML 8Page - Anachip Corp AP1117T33A Datasheet HTML 9Page - Anachip Corp AP1117T33A Datasheet HTML 10Page - Anachip Corp AP1117T33A Datasheet HTML 11Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1117
Anachip Corp.
www.anachip.com.tw
Rev.1.0 Aug 17, 2004
9/11
(3) TO252
b2
E
e
b
e1
H
SEATING PLANE
L
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Notes:
1.
JEDEC Outline: TO-252 AB
2.
Mils suggested for positive contact at mounting.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
2.29
2.39
0.086
0.090
0.094
A1
1.02
1.15
1.27
0.040
0.045
0.050
b
0.61 TYP.
0.024 TYP.
b2
5.20
5.35
5.50
0.205
0.211
0.217
C
0.46
0.52
0.58
0.018
0.020
0.023
C1
0.46
0.52
0.58
0.018
0.020
0.023
D
5.33
5.57
5.80
0.210
0.219
0.228
E
6.35
6.58
6.80
0.250
0.259
0.268
e
2.25 BSC.
0.089 BSC.
e1
4.50 BSC.
0.177 BSC.
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
-
-
0.020
-
-
L1
0.64
0.83
1.02
0.025
0.033
0.040
L2
1.52
1.78
2.03
0.060
0.070
0.080


Similar Part No. - AP1117T33A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1117T33G-13 DIODES-AP1117T33G-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117T33G-U DIODES-AP1117T33G-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117T33L-13 DIODES-AP1117T33L-13 Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
AP1117T33L-U DIODES-AP1117T33L-U Datasheet
185Kb / 11P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1117 Rev. 6
More results

Similar Description - AP1117T33A

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
   1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Guangdong Kexin Industr...
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
DONGGUAN YOU FENG WEI E...
YFW1117-XX YFWDIODE-YFW1117-XX Datasheet
476Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com