Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFSD10055950-5001C1 Datasheet(PDF) 3 Page - TDK Electronics

Part # TFSD10055950-5001C1
Description  Thin-film Diplexer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFSD10055950-5001C1 Datasheet(HTML) 3 Page - TDK Electronics

  TFSD10055950-5001C1 Datasheet HTML 1Page - TDK Electronics TFSD10055950-5001C1 Datasheet HTML 2Page - TDK Electronics TFSD10055950-5001C1 Datasheet HTML 3Page - TDK Electronics TFSD10055950-5001C1 Datasheet HTML 4Page - TDK Electronics TFSD10055950-5001C1 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(2/4)
001-01 / 20130201 / rf_tfm-diplexer_tfsd_en
• All specifications are subject to change without notice.
FREQUENCY CHARACTERISTICS
Low-BAND PORT INSERTION LOSS
Low-BAND PORT ATTENUATION
Low-BAND PORT RETURN LOSS
ANTENNA PORT RETURN LOSS
High-BAND PORT INSERTION LOSS
High-BAND PORT ATTENUATION
High-BAND PORT RETURN LOSS
ISOLATION (Low-High)
500
3000
2500
2000
1000
1500
Frequency(MHz)
3.0
2.0
2.5
1.0
1.5
0.5
0
1: 2400MHz
0.39dB
2: 2500MHz
0.43dB
1
2
30
40
50
60
10500
500
8500
6500
4500
2500
20
10
0
Frequency(MHz)
0
1: 4800MHz
23.1dB
2: 5000MHz
26.7dB
3: 7200MHz
29.2dB
4: 7500MHz
36.8dB
1
2
3
4
500
3000
2500
2000
1000
1500
Frequency(MHz)
1: 2400MHz
21.4dB
2: 2500MHz
22.3dB
50
60
40
30
0
10
20
1 2
500
1500
2500
4500
6500
3500
5500
Frequency(MHz)
1: 2400MHz
19.5dB
2: 2500MHz
19.5dB
3: 4900MHz
20.4dB
4: 5950MHz
24.3dB
50
40
30
0
10
20
1 2
4
3
4500
6500
6000
5000
5500
Frequency(MHz)
3.0
2.0
2.5
1.0
1.5
0.5
0
1: 4900MHz
0.49dB
2: 5950MHz
0.42dB
1
2
30
40
50
10500
500
8500
6500
4500
2500
20
10
0
Frequency(MHz)
0
1 2
3
5
6
7
4
1: 824MHz
26.4dB
2: 915MHz
25.6dB
3: 1800MHz
24.1dB
4: 2500MHz
27.5dB
5: 9800MHz
29.4dB
6: 11000MHz
21.0dB
7: 1190MHz
23.4dB
4500
6500
6000
5000
5500
Frequency(MHz)
1: 4900MHz
22.5dB
2: 5950MHz
26.5dB
50
70
60
40
30
0
10
20
1
2
500
1500
2500
4500
6500
3500
5500
Frequency(MHz)
1: 500MHz
30.5dB
2: 1500MHz
23.4dB
3: 2500MHz
28.9dB
4: 4900MHz
23.9dB
5: 5950MHz
28.9dB
50
40
30
0
10
20
1
2
3
5
4


Similar Part No. - TFSD10055950-5001C1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSD10055950-5001C1A TDK-TFSD10055950-5001C1A Datasheet
78Kb / 7P
   Thin-film Diplexer
More results

Similar Description - TFSD10055950-5001C1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSD10055950-5102A2 TDK-TFSD10055950-5102A2 Datasheet
77Kb / 7P
   Thin-film Diplexer
TFSD10055950-5001C1A TDK-TFSD10055950-5001C1A Datasheet
78Kb / 7P
   Thin-film Diplexer
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
   Thin-film Metal
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com