Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFSD10055950-5001C1A Datasheet(PDF) 2 Page - TDK Electronics

Part # TFSD10055950-5001C1A
Description  Thin-film Diplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TFSD10055950-5001C1A Datasheet(HTML) 2 Page - TDK Electronics

  TFSD10055950-5001C1A Datasheet HTML 1Page - TDK Electronics TFSD10055950-5001C1A Datasheet HTML 2Page - TDK Electronics TFSD10055950-5001C1A Datasheet HTML 3Page - TDK Electronics TFSD10055950-5001C1A Datasheet HTML 4Page - TDK Electronics TFSD10055950-5001C1A Datasheet HTML 5Page - TDK Electronics TFSD10055950-5001C1A Datasheet HTML 6Page - TDK Electronics TFSD10055950-5001C1A Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20150701 / tfs_dpx_tfsd10055950-5001c1_en.fm
20150701 / tfs_dpx_tfsd10055950-5001c1_en.fm
Thin-film Diplexer
For 2400-2500MHz / 4900-5950MHz
SHAPES AND DIMENSIONS
RECOMMENDED LAND PATTERN
TFSD10055950-5001C1A
Conformity to RoHS Directive
1.00±0.10
0.30±0.04
0.03±0.03
0.10±0.04
0.74±0.04
Dimensions in mm
1
High-band
2
Common
3
Low-band
4
GND
Terminal functions
(1)
(2)
(3)
(4)
(1)
(4)
(3)
(2)
0.30±0.05
[Top view]
[Bottom view]
Marking
Dimensions in mm
0.30
0.73
1.13
The recommended distance to the PCB ground plane is 0.2mm.
Line width should be designed to match 50
: characteristic impedance,
depending on PCB material and thickness.
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/


Similar Part No. - TFSD10055950-5001C1A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSD10055950-5001C1 TDK-TFSD10055950-5001C1 Datasheet
97Kb / 5P
   Thin-film Diplexer
More results

Similar Description - TFSD10055950-5001C1A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TFSD10055950-5102A2 TDK-TFSD10055950-5102A2 Datasheet
77Kb / 7P
   Thin-film Diplexer
TFSD10055950-5001C1 TDK-TFSD10055950-5001C1 Datasheet
97Kb / 5P
   Thin-film Diplexer
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
   Thin-film Metal
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com