Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30-00807 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 30-00807
Description  Drop Wire Clamps for CATV and Telephone Cable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

30-00807 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 30-00807 Datasheet HTML 7Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 8Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 9Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 10Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 11Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 12Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 13Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 14Page - List of Unclassifed Manufacturers 30-00807 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
16
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Drop Hardware
Cable Clips
"U" Cable Clip
Pre-formed aluminum cable clip used to secure drop cables and ground wires to either
wood or masonry surfaces using self-tapping screws.
Part Number
Description
Inner
Pack
Outer
Pack
SC19-1
"U" Cable Clip RG59- 6MM
500
10,000
SC20-1
"U" Cable Clip for Series 6 Cable -7MM
500
10,000
SC20-D6
"U" Cable Clip for Dual RG-6 Cable
400
8,000
SC21-1
"U" Cable Clip for #12AWG to #14AWG Ground Wire.
500
10,000
SC21-2
U" Cable Clip for #6AWG to #10AWG Ground Wire.
500
10,000
SC22-1
"U" Cable Clip RG11 - 10MM
400
8,000
Screw and Snap® Clips (Patented)
Used to secure coaxial cable and ground wire runs to wood, masonry, stucco, brick or
concrete.
For concrete or brick drill .138” pilot hole. Screw will cut threads in hole.
Convenient strips of ten clips snap off after installation.
Cable size stamped on clips (aluminum).
Screw hardened and treated for 500 hour salt spray resistance. ASTM B117.
Plastic plugs secure screws to strip and prevent torquing.
Handy holder included in every 30 strip carton.
Part Number
Description
Screw Size
Cable Size
Inner
Pack
Outer
Pack
24-88013
Screw & Snap Clips
#8 x 3/4"
Series 6
30
300
24-88014
Screw & Snap Clips
#8 x 3/4"
Series 59
30
300
24-88016
Screw & Snap Clips
#8 x 3/4"
10-14 AWG
30
300
24-88017
Screw & Snap Clips
#8 x 3/4"
Series 6Q
30
300
24-88027
Screw & Snap Clips
#8 x 3/4"
Series 11
30
300
*Screw N Snap can be used to attach cable to wood, masonry and concrete when a
.138" pilot hole is drilled and fitted with a Diamond Plastic Screw Anchor, Diamond
part number, 12-08210.


Similar Part No. - 30-00807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30-000 ETC2-30-000 Datasheet
92Kb / 1P
   3/16 (4.8mm) Plato Tips to fit Pace SX-65A SX-70 SODR-X-TRACTORS
logo
Tensility International...
30-00003 TENSILITY-30-00003 Datasheet
346Kb / 2P
   Wire, 2C, 24 AWG, UL2468, 300V, 80C, 3.6mm, VW-1, PVC, 65P
30-00004 TENSILITY-30-00004 Datasheet
345Kb / 2P
   Wire, 1C, 18 AWG, UL1185, 300V, 80C, 3.4mm, shielded, VW-1, PVC, 60P
30-00005 TENSILITY-30-00005 Datasheet
386Kb / 2P
   Wire, 2C, 24 AWG, 300V, 80C, 3.7 mm, shielded, PVC, 65P
30-00006 TENSILITY-30-00006 Datasheet
353Kb / 2P
   Wire, 3C, 24 AWG, 300V, 80C, 3.4 mm, PVC, 65P
More results

Similar Description - 30-00807

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8092 ETC2-8092 Datasheet
104Kb / 2P
   CABLE CLAMPS AND TIES
logo
Linear Technology
LT6110 LINER-LT6110_15 Datasheet
525Kb / 38P
   Cable/Wire Drop Compensator
LT6110 LINER-LT6110 Datasheet
523Kb / 38P
   Cable/Wire Drop Compensator
logo
List of Unclassifed Man...
AL-3 ETC1-AL-3 Datasheet
49Kb / 1P
   CABLE CLAMPS ALUMINUM
logo
OEN India Limited
04-CCL125X OENINDIA-04-CCL125X Datasheet
39Kb / 1P
   Nylon Cable Clamps
logo
List of Unclassifed Man...
561-16A0062 ETC2-561-16A0062 Datasheet
77Kb / 2P
   Miniature Cable Clamps
logo
CamdenBoss Ltd.
CCU1C-AG CAMDENBOSS-CCU1C-AG Datasheet
299Kb / 1P
   Camcirc cable clamps
logo
List of Unclassifed Man...
561-37B0125 ETC2-561-37B0125 Datasheet
146Kb / 2P
   Standard Cable Clamps
561-50C0125 ETC2-561-50C0125 Datasheet
146Kb / 2P
   Heavy Duty Cable Clamps
logo
OEN India Limited
04-ACC10 OENINDIA-04-ACC10 Datasheet
2Mb / 1P
   Nylon Cable Clamps, Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com