Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK9750 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK9750
Description  IR Sensor IC with I2C I/F
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK9750 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK9750 Datasheet HTML 1Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 2Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 3Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 4Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 5Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 6Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 7Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 8Page - Asahi Kasei Microsystems AK9750 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
[AK9750]
015002896-E-01
2015/10
- 5 -
5.
Pin Configurations and Functions
5.1. Pin Configurations
VDD
CAD0
CAD1
INT
PDN
VSS
TEST
DVDD
SCL
SDA
1
2
3
4
5
10
9
8
7
6
Top View
Figure 5.1 Pin Configurations
5.2. Pin Functions
Table 5.1 Pin Functions
Pin
No.
Name
I/O
Function
1
VDD
-
Analog Power Supply Pin
2
CAD0
I
Slave address 0. CAD0 pin should be connected to VDD or VSS. Set up an address so
that two or more same address of devices do not exist on the same bus.
3
CAD1
I
Slave address 1. CAD0 pin should be connected to VDD or VSS. Set up an address so
that two or more same address of devices do not exist on the same bus.
4
INT
O
Functions are selected by INTEN register. INT pin goes
“Active”, when the ADC output
are ready to be read or the differential signal of two IR sensor(one observes the upper
(or left)side and another observes lower (or right) side) exceeds threshold levels. It is
composed of an open drain output (N-type transistor). INT pin is connected to DVDD
voltage through a pull-up resister, with other open drain or open collector output of the
other devices to form
“wired-OR”.
5
PDN
I
Power down pin. When PDN pin=
“H”, AK9750 can operate. PDN pin is not connected
to VDD (or VSS) through a pull-up (or pull-down) resister. This pin must be connected
to
“H” or “L” voltage level.
6
SDA
I/O
I
2C Data Output Pin. SDA is a bidirectional pin which is used to transmit data into and
out of the device. It is composed of a signal input and an open drain output (N-type
transistor). SDA is connected to DVDD voltage through a pull-up resistor, and to open
drain outputs or open collector outputs of the other devices as
“wired-OR”
7
SCL
I
I
2C Clock Input pin. Signal processing is executed at the rising and falling edge of SCL
clock. Observe rise time tR and fall time tF. SCL is connected to DVDD voltage through
a pull-up resistor.
8
DVDD
-
Digital I/F Power Supply pin.
9
TEST
I
Test pin. TEST pin should be connected to VSS.
10
VSS
-
Ground pin.


Similar Part No. - AK9750

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
AK9754 AKM-AK9754 Datasheet
1Mb / 43P
   Ultra-small IR Sensor IC with I2C I/F
More results

Similar Description - AK9750

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK9753 AKM-AK9753 Datasheet
1Mb / 50P
   IR Sensor IC with I2C I/F
AK9754 AKM-AK9754 Datasheet
1Mb / 43P
   Ultra-small IR Sensor IC with I2C I/F
AK9720 AKM-AK9720 Datasheet
902Kb / 31P
   IR Sensor Module with I2C I/F
AK9752 AKM-AK9752 Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
AK9752AE AKM-AK9752AE Datasheet
1Mb / 36P
   Ultra-small IR sensor IC with IC
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
logo
Allegro MicroSystems
A1332 ALLEGRO-A1332 Datasheet
979Kb / 20P
   Precision Hall Effect Angle Sensor IC with I2C Interface
logo
Fairchild Semiconductor
FLD00060 FAIRCHILD-FLD00060 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor with Built-in IR LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com