Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6120XX20621 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 6120XX20621
Description  WR-BHD 2.54 MM MALE SMT BOX HEADER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

6120XX20621 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  6120XX20621 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 6120XX20621 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 6120XX20621 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
05-OCT-15
COPLANARITY
AK
J
I
APPROVAL: GMo
UNIT: MM
DESCRIPTION: WR-BHD 2.54 MM MALE SMT BOX HEADER
SCALE:
SHEET: 1/3
WERI PART NO: 612 0xx 206 21
DRAW: AK
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 9T
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOYS
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 2.54MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 105°C
FLAMABILITY RATING: UL94-V0
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3 A MAX
WORKING VOLTAGE: 250 VAC
INSULATOR RESISTANCE: >5000 MΩ
DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC/MIN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964
SOLDERING
JEDEC LEAD FREE REFLOW SOLDERING PROCESS
PACKAGING
TUBE
DIMENSION
PCB LAYOUT - COMPONENT VIEW
TOLERANCE ±0.05MM
08-FEB-16
UPDATE
AK
A = 2.54 x (NB PINS/2 - 1)
B = (2.54 x NB PINS/2) + 7.5
B ±0.30
A


Similar Part No. - 6120XX20621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6120XX21621 WURTH-6120XX21621 Datasheet
1Mb / 2P
   2.54MM MALE BOX HEADER
6120XX21721 WURTH-6120XX21721 Datasheet
1Mb / 2P
   2.54MM MALE ANGLED BOX HEADER
6120XX22021 WURTH-6120XX22021 Datasheet
1Mb / 3P
   2.54MM MALE BOX HEADER WITH SHORT LEVER
More results

Similar Description - 6120XX20621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61232620621 WURTH-61232620621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
003.001
61233420621 WURTH-61233420621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61234020621 WURTH-61234020621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61232420621 WURTH-61232420621 Datasheet
601Kb / 7P
   WR-BHD 2.54mm Male SMT Box Header WR-BHD
001.001
62702420621 WURTH-62702420621 Datasheet
302Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62733020621 WURTH-62733020621 Datasheet
388Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62736020621 WURTH-62736020621 Datasheet
386Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
62701020621 WURTH-62701020621 Datasheet
303Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62703420621 WURTH-62703420621 Datasheet
302Kb / 6P
   WR-BHD Male SMT Box Header (Tube)
002.000
62732620621 WURTH-62732620621 Datasheet
388Kb / 6P
   WR-BHD Male SMT Box Header (Reel)
001.000
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com