Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

610136249221 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 610136249221
Description  WR-PHD - 2.54MM PCB SOCKET HEADER - SMT TYPE DOUBLE ROW - RIGHT ANGLE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

610136249221 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  610136249221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 610136249221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 610136249221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
20-OCT-14
PDF
AS
B
C
D
E
F
G
APPROVAL: GM
UNIT: MM
DESCRIPTION: WR-PHD - 2.54MM PCB SOCKET HEADER - SMT TYPE
SCALE:
SHEET: 1/3
DOUBLE ROW - RIGHT ANGLE
WERI PART NO: 610 1xx 249 221
DRAW: AS
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
PCB LAYOUT - COMPONENT VIEW
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 6T
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: SELECTIVE GOLD
ENVIRONMENTAL
OPERATING TEMPERATURE: -40°C UP TO +105°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A
WORKING VOLTAGE: 250V AC/DC
INSULATION RESISTANCE: >1000 MΩ
WITHSTANDING VOLTAGE: 600 VAC/min
CONTACT RESISTANCE: 20 mΩ max
SOLDERING
JEDEC LEAD FREE REFLOW SOLDERING PROCESS
PACKAGING
TAPE & REEL
DIMENSIONS
A = 2.54 x (NB PINS/2-1)
B = (2.54 x NB PINS/2) + 0.5
AVAILABLE IN
6-8-10-12-14-16-20-22-24-26
A±0.3
B±0.5
A
A±0.3
A-2.54
08-APR-15
LAYOUT DIM
QL


Similar Part No. - 610136249221

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
6101-2 OHMITE-6101-2 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
6101-2E OHMITE-6101-2E Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
6101-4 OHMITE-6101-4 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
6101-4E OHMITE-6101-4E Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
6101-6 OHMITE-6101-6 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
More results

Similar Description - 610136249221

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6101XX249121 WURTH-6101XX249121 Datasheet
853Kb / 3P
   WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
61032221821 WURTH-61032221821 Datasheet
435Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61030421821 WURTH-61030421821 Datasheet
437Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61030621821 WURTH-61030621821 Datasheet
440Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031621821 WURTH-61031621821 Datasheet
435Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031021821 WURTH-61031021821 Datasheet
446Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031421821 WURTH-61031421821 Datasheet
434Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61032621821 WURTH-61032621821 Datasheet
436Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61030821821 WURTH-61030821821 Datasheet
440Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
61031221821 WURTH-61031221821 Datasheet
434Kb / 7P
   WR-PHD 2.54mm Dual SMT Socket Header WR-PHD
001.002
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com