Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61003221121 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61003221121
Description  2.54MM DUAL SMT PIN HEADER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

61003221121 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  61003221121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 61003221121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
H
20-JUN-11
COPLANARITY
GG
APPROVAL: RJ
UNIT: MM
DESCRIPTION: 2.54MM DUAL SMT PIN HEADER
SCALE:
SHEET: 1/2
WERI PART NO: 610 0xx 211 21
DRAW: PEARL
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
TECHNICAL CHARACTERISTICS
MATERIAL
INSULATOR: PA 6T
FLAMABILITY RATING: UL94-V0
COLOR: BLACK
CONTACT MATERIAL: COPPER ALLOY
CONTACT TYPE: STAMPED
CONTACT PLATING: GOLD
QUALITY CLASS: 3 AS PER CECC 75 301-802
PITCH: 2.54MM
ENVIRONMENTAL
OPERATING TEMPERATURE: -40 UP TO 125°C
COMPLIANCE: LEAD FREE AND ROHS
ELECTRICAL
CURRENT RATING: 3A
WORKING VOLTAGE: 250V AC
INSULATOR RESISTANCE: >1000 MOHM
DIELECTRIC WITHSTANDING VOLTAGE: 500V AC/MN
CONTACT RESISTANCE: 20 mOHM MAX
STANDARD
CERTIFIED: E323964 / MODEL NUMBER 613-211
SOLDERING
REFLOW PROCESS ONLY
PACKAGING
TUBE
DIMENSION
A = 2.54x (NB. PIN / 2 - 1)
B = 2.54x (NB. PIN / 2)
G
03-NOV-11
PINNING
GG


Similar Part No. - 61003221121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61003221821 WURTH-61003221821 Datasheet
677Kb / 2P
   PHD 2.54MM DUAL SMT SOCKET HEADER
H 16-SEP-14
More results

Similar Description - 61003221121

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61031421121 WURTH-61031421121 Datasheet
411Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61030621121 WURTH-61030621121 Datasheet
404Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61032021121 WURTH-61032021121 Datasheet
412Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61031021121 WURTH-61031021121 Datasheet
410Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61031621121 WURTH-61031621121 Datasheet
409Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61030821121 WURTH-61030821121 Datasheet
410Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61031221121 WURTH-61031221121 Datasheet
410Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61030421121 WURTH-61030421121 Datasheet
404Kb / 7P
   WR-PHD 2.54mm SMT Dual Pin Header WR-PHD
003.000
61000621121 WURTH-61000621121 Datasheet
449Kb / 7P
   WR-PHD Dual SMT Pin Header
003.001
61000821121 WURTH-61000821121 Datasheet
450Kb / 7P
   WR-PHD Dual SMT Pin Header
003.001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com